Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 113Page - National Semiconductor (TI) PC87417 Datasheet HTML 114Page - National Semiconductor (TI) PC87417 Datasheet HTML 115Page - National Semiconductor (TI) PC87417 Datasheet HTML 116Page - National Semiconductor (TI) PC87417 Datasheet HTML 117Page - National Semiconductor (TI) PC87417 Datasheet HTML 118Page - National Semiconductor (TI) PC87417 Datasheet HTML 119Page - National Semiconductor (TI) PC87417 Datasheet HTML 120Page - National Semiconductor (TI) PC87417 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 257 page
background image
Revision 1.2
117
www.national.com
6.0
ACCESS.bus Interface
This section is relevant only for the PC87413 and PC87417. In the PC87414 and PC87416, all ACCESS.bus Interface
bits and signals that influence other modules are at their default value.
The ACCESS.bus Interface is a two-wire synchronous serial interface compatible with the ACCESS.bus (Specification Rev.
3.0 Sep. 1995) and with Intel's SMBus (Specification Rev 1.1 Dec. 11, 1998). The ACCESS.bus Interface acts as a slave
device controlled by a bus master. The ACCESS.bus Interface uses proprietary commands for AdvancedI/O access, com-
patible with the Physical, Data Link and Transport layers defined by the above specifications.
This chapter describes the ACCESS.bus Interface functional block.
6.1
OVERVIEW
The ACCESS.bus protocol uses a two-wire interface for bidirectional communication between the devices connected to the
bus. The two interface lines are the Serial Data Line (ACBDAT) and the Serial Clock Line (ACBCLK). These open-drain lines
must be connected to a positive supply via an internal or an external pull-up resistor and remain high when the bus is idle.
Each device connected to the bus has a unique address and can operate as a transmitter or a receiver (though some pe-
ripherals are only receivers).
During data transactions, the master device initiates the transaction with an attached peripheral, generates the clock signal
and terminates the transaction. When the master sends a slave address or data, the peripheral behaves as a receiver. When
the slave responds and sends data to the master, the peripheral behaves as a transmitter.
6.2
FUNCTIONAL DESCRIPTION
6.2.1
Bus Signals
ACBDAT and ACBCLK Signals
The ACBDAT and ACBCLK are open-drain signals. The device permits the user to define whether to enable or disable the
internal pull-up of these two signals (at reset, the internal pull-up is disabled).
Clock Frequency
The PC8741x device is a slave device that synchronizes to the clock frequency of the ACCESS.bus clock. The maximum
clock frequency is 100 kHz and the minimum is 10 kHz (limited by the 50
µsec maximum high time required by the standards
to detect a Bus Idle condition). However, since the PC8741x device is a slave device, the minimum clock frequency limitation
is ignored. The clock low period may be extended by stall periods initiated by the ACCESS.bus Interface (see Section 11.5.6
on page 246).
6.2.2
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock (ACBCLK). Con-
sequently, throughout the high period of the clock, the data must remain stable (see Figure 30). Any change in mid-
transaction on the ACBDAT line during the high period of the ACBCLK aborts the transaction and releases the ACBDAT
signal (to high level), thus generating Negative Acknowledge (NACK) cycles (see Section 6.2.4 on page 118). In addition,
the PC8741x device sets the BUSERR bit in the ACBCST register (see Section 6.3.2 on page 127). Data must be driven
onto the bus only during the low ACBCLK period. This protocol permits a single data line to transfer both command/control
information and data, using the synchronous serial clock.
During each clock cycle, while the slave handles the received data or prepares the data to be sent, it can stall the master.
The slave can do this for each bit transferred or on a byte boundary by holding ACBCLK low to extend the clock-low period.
Typically, slaves extend the first clock cycle of a transfer if a byte written has not yet been stored or if the byte to be read is
not yet ready. Some microcontroller-based masters with limited hardware support for ACCESS.bus extend the access after
each bit, thus allowing the software to handle the bit.
Each data transaction is composed of a Start Condition, a number of byte transfers (defined by the protocol) and a Stop
Condition to terminate the transaction. Each byte (eight bits) is transferred with the most significant bit first. After each byte,
an Acknowledge signal must follow. The following sections provide further details of this process.
ACBDAT
ACBCLK
Data Line Stable:
Data Valid
Figure 30. Data Bit Transfer
Change of Data
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com