Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 111Page - National Semiconductor (TI) PC87417 Datasheet HTML 112Page - National Semiconductor (TI) PC87417 Datasheet HTML 113Page - National Semiconductor (TI) PC87417 Datasheet HTML 114Page - National Semiconductor (TI) PC87417 Datasheet HTML 115Page - National Semiconductor (TI) PC87417 Datasheet HTML 116Page - National Semiconductor (TI) PC87417 Datasheet HTML 117Page - National Semiconductor (TI) PC87417 Datasheet HTML 118Page - National Semiconductor (TI) PC87417 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
115
www.national.com
5.5
USAGE HINTS
1. Bear in mind the following system design hints for asynchronous X-Bus use:
— The chip-select signal must be used as a qualifier with the address when partial address decoding is in use for mul-
tiple device access control.
— In read cycles, the system may drive the data until the read signal XRD_XEN is de-asserted to guarantee the proper
PC8741x sampling.
— In write cycles, use either the falling or rising edge of the write control signal (XWR_XRW) to latch the data in the
device.
2. Address multiplexing on XD7-0 and strobe signals XSTB2-0 are designed for glueless interface with off-chip latch com-
ponents (see the example in Figure 29).
Figure 29. Latched Mode X-Bus Transaction External Logic
(74HC373*)
D7-0
A27-20
A19-12
A3-0
PC8741x
XA3-0
XD7-0
A11-4
Latch
(74HC373*)
Latch
(74HC373*)
Latch
XSTB0
XSTB1
XSTB2
* - For mode 0, mode 0 fast, and mode 1, use 74HC373
- For mode 0 turbo, use 74VHC373
- For 5V-powered X-Bus devices, use 74HCT/VHCT373, which is also powered by the 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com