Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 110Page - National Semiconductor (TI) PC87417 Datasheet HTML 111Page - National Semiconductor (TI) PC87417 Datasheet HTML 112Page - National Semiconductor (TI) PC87417 Datasheet HTML 113Page - National Semiconductor (TI) PC87417 Datasheet HTML 114Page - National Semiconductor (TI) PC87417 Datasheet HTML 115Page - National Semiconductor (TI) PC87417 Datasheet HTML 116Page - National Semiconductor (TI) PC87417 Datasheet HTML 117Page - National Semiconductor (TI) PC87417 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
114
Revision1.2
5.4.11
Host Access Protect Register (HAP0 to HAP1)
HAP0 and HAP1 registers hold the read/write protection and lock control bits for access control to XCS0 and XCS1, respec-
tively. Each register defines the access rights for a group of 16 blocks of the related chip select (see Section 5.3 on page 105
for more information on how to define these blocks). Each block is protected by three bits, which are accessed through the
block number written into the Host Access Protection Index field.
The lock bit for each block is cleared either by reset or by writing a ‘0’ through the ACCESS.bus (PC87417). When a lock
bit is cleared, the related write-protect flag is set and the read-protect flag is cleared.
Power Well:VSB
Location:Offset 13h and 14h
Type:
Varies per bit
0
R/W or
RO
TRANSPD (X-Bus Transaction Speed). When set to 1, removes the additional cycles from mode 0
read and write transactions. In this situation, the setting of WAITSEN bit in the XZCNF0 to XZCNF3
registers is ignored (wait states are disabled).
0: Sixteen additional CLK cycles (apart from the programmed number of wait states) are inserted into
mode 0 read and write transactions when accessing the XCSn (default)
1: No CLK cycles are inserted
Bit
76543210
Name
HAPINDX
INDXWR
LOCKXHP
HWRP
HRDP
Reset
00000010
Bit
Type
Description
7-4
R/W
HAPINDX (Host Access Protection Index). Holds the index for the block number to be accessed by
the other fields in this register. All blocks are 16 KByte up to 1 MByte in size (see Section 5.3 on
page 105).
0000b - 1111b - index for block numbers of 0-15, respectively (0000b = default).
3WO
INDXWR (Index Write). Indicates an index write transaction for which the value of bits 2-0 are ignored
(not written). This bit always returns ‘0’ when read.
0: Index and Data write transaction (writes bits 2-0 according to the newly written index); (default)
1: Index update write transaction (bits 2-0 are not updated by this write)
2
R/W1S LOCKXHP (Lock Host Protection). When set to ‘1’ through the LPC bus, this bit locks itself and the
two HWRP and HRDP protection bits by disabling writing to them. The block number these three bits
relate to is pointed to by the Index field. Once set, this bit can be cleared either by the VDD Power-Up
reset (or Hardware reset) or by the VSB Power-Up reset, according to the VSBLOCK bit in the
ACBLKCTL register (see Section 6.3.4 on page 128). In addition, this bit is cleared by setting the
UNLOCKX bit in the ACBLKCTL register (PC87417).
This bit may be set or reset through the ACCESS.bus (PC87417), regardless of its value (it is not self-
locking).
0: Changes to protection bits (2-0) for this block are enabled (default)
1: Protection bits (2-0) for this block are locked and their values cannot be changed
1
R/W or
RO
HWRP (Host Write Protection). This bit prevents writes to a block, thus preventing programming or
erasing of the flash memory connected to the XCSn. The block number affected by this field is the one
pointed to by the Index field.
0: Host writes to this block are allowed
1: Host writes to this block are inhibited (default)
0
R/W or
RO
HRDP (Host Read Protection). This bit prevents reads from a block, thus protecting the contents of the
flash memory connected to the XCSn. The block number affected by this field is the one pointed to by
the Index field.
0: Host reads from this block are allowed (default)
1: Host reads from this block are inhibited
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com