Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 123Page - National Semiconductor (TI) PC87417 Datasheet HTML 124Page - National Semiconductor (TI) PC87417 Datasheet HTML 125Page - National Semiconductor (TI) PC87417 Datasheet HTML 126Page - National Semiconductor (TI) PC87417 Datasheet HTML 127Page - National Semiconductor (TI) PC87417 Datasheet HTML 128Page - National Semiconductor (TI) PC87417 Datasheet HTML 129Page - National Semiconductor (TI) PC87417 Datasheet HTML 130Page - National Semiconductor (TI) PC87417 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
127
www.national.com
6.3.2
ACCESS.bus Control/Status Register (ACBCST)
This register controls the ACCESS.bus interface and holds the status of the last transactions. On reset, it is cleared (01h).
Power Well:VSB
Location:
Offset 00h
Type:
Varies per bit
Bit
76543210
Name
OFFLDN
ILGCOM
PECERR
BUSERR
LOWCKTO
ACCLVIOL
VDDSTAT
PECAVAIL
Reset
00000001
Bit
Type
Description
7
R/W1C OFFLDN (Accessed LDN Powered-off Flag). Indicates that the Logical Device accessed through the
command byte (only for Internal Access mode, i.e., when INEX = 0) is powered-off (relevant for the
Legacy functional blocks powered from the VDD plane). Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Powered Logical Device accessed (default)
1: Unpowered Logical Device accessed
6
R/W1C ILGCOM (Illegal Command Flag). Indicates that an illegal command code or an incorrect number of
address/data bytes was received or requested for transmission (by last byte NACK or Stop control).
Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Correct protocol (default)
1: Illegal command or number of bytes
5
R/W1C PECERR (PEC Error Flag). Indicates that a PEC error was detected in the write transaction bytes that
were received from the master. This bit is not updated if the master does not send a PEC byte. Writing
‘1’ clears this bit; writing ‘0’ is ignored.
0: Correct PEC (default)
1: CRC of the received bytes differs from the received PEC
4
R/W1C BUSERR (Bus Error Flag). Indicates that an unexpected Start, Restart or Stop Condition was detected
during a read or write transaction. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Correct transaction (default)
1: Illegal Start, Restart or Stop Condition
3
R/W1C LOWCKTO (Low Clock Timeout Flag). Indicates that the ACBCLK signal was detected low for longer
than the maximum allowed “cumulative clock low extend time” during a transaction, as defined in
Section 11.5.6 on page 246. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Correct clock low timing (default)
1: Clock low timeout
2
R/W1C ACCLVIOL (Access Lock Violation Flag). Indicates that an LPC access to a functional module locked
for sole use by ACCESS.bus was detected. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Correct LPC access (default)
1: LPC access to a locked functional module
1RO
VDDSTAT (VDD Power Status). Indicates the actual status of the VDD power supply to the PC8741x
device.
0: VDD power Off
1: VDD power On
0RO
PECAVAIL (PEC Feature Available). Enables the master to detect the availability of the PEC
implementation in the slave.
0: Peripheral does not support PEC
1: Peripheral supports PEC (default and fixed value for PC8741x devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com