Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 124Page - National Semiconductor (TI) PC87417 Datasheet HTML 125Page - National Semiconductor (TI) PC87417 Datasheet HTML 126Page - National Semiconductor (TI) PC87417 Datasheet HTML 127Page - National Semiconductor (TI) PC87417 Datasheet HTML 128Page - National Semiconductor (TI) PC87417 Datasheet HTML 129Page - National Semiconductor (TI) PC87417 Datasheet HTML 130Page - National Semiconductor (TI) PC87417 Datasheet HTML 131Page - National Semiconductor (TI) PC87417 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
128
Revision1.2
6.3.3
ACCESS.bus Configuration Register (ACBCFG)
This register controls the configuration of the ACCESS.bus Interface. On reset, it is cleared (00h).
Power Well:
VSB
Location:
Offset 01h
Type:
Varies per bit
6.3.4
ACCESS.bus Lock Control Register (ACBLKCTL)
This register controls the configuration lock of the PC8741x device. On reset, it is cleared (00h).
Power Well: VSB
Location:
Offset 02h
Type:
Varies per bit
Bit
76543210
Name
CSWRST
Reserved
ACCLMD
Reserved
ACTSTAT
Reset
00000000
Bit
Type
Description
7
R/W
CSWRST (Controller Software Reset). When set to ‘1’, this bit triggers a Controller Software reset
sequence (see Section 2.2.3 on page 35) and then returns to ‘0’. It always returns ‘0’ when read.
0: Normal operation (default)
1: Enable the Controller Software Reset
6
Reserved.
5-4
R/W
ACCLMD (Locked Module Access Mode). These bits control the behavior of the LPC Interface
whenever a locked module is accessed.
Bits
5 4
Function
0 0:
Complete cycle and generate Error SYNC; read 00h; ignore write (default).
0 1:
Complete cycle; read 00h; ignore write.
1 0:
Ignore cycle (do not generate SYNC).
11
:− Locked X-Bus chip-select (XCS3-XCS0): Generate Long Wait SYNC for read and write until
access lock is removed; then complete transaction normally.
− Any other locked module: Complete cycle; read 00h; ignore write.
3-1
Reserved.
0
R/W
ACTSTAT (Module Activation Status Configuration). This bit configures the behavior of the
Activation bit (for the Legacy modules) when read through the LPC bus (index 30; see Section 3.2.3 on
page 40). When this bit is set to ‘1’ and a specific module is disabled by the bits in the ACBFDIS
register (see Section 6.3.5 on page 130), or when the module is locked by the bits in the ACCLCF1
register (see Section 6.3.7 on page 132), the module Activation status that is read through the LPC
returns a ‘0’ value, ignoring the actual setting of the Activation bit.
0: Activation status reflects the value of the Activation bit (default)
1: Activation status reflects the value of the Activation bit, or returns ‘0’ if either the module is locked, or
disabled by the bits in the ACBFDIS register
Bit
76543210
Name
VSBLOCK
UNLOCKM UNLOCKG
UNLOCKF
UNLOCKC
UNLOCKX
UNLOCKR
UNLOCKS
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com