Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 128Page - National Semiconductor (TI) PC87417 Datasheet HTML 129Page - National Semiconductor (TI) PC87417 Datasheet HTML 130Page - National Semiconductor (TI) PC87417 Datasheet HTML 131Page - National Semiconductor (TI) PC87417 Datasheet HTML 132Page - National Semiconductor (TI) PC87417 Datasheet HTML 133Page - National Semiconductor (TI) PC87417 Datasheet HTML 134Page - National Semiconductor (TI) PC87417 Datasheet HTML 135Page - National Semiconductor (TI) PC87417 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
132
Revision1.2
6.3.7
Access Lock Configuration 1 Register (ACCLCF1)
This register controls the locking of the device functional blocks to LPC bus access. On reset, it is cleared (00h).
Power Well: VSB
Location:
Offset 05h
Type:
R/W
Bit
76543210
Name
CONFALOK
Reserved
KBCALOK SER1ALOK SER2ALOK PARPALOK FDCALOK
Reset
00000000
Bit
Description
7
CONFALOK (Configuration Access Lock). When set to 1, this bit disables LPC bus access to the Device
Configuration module and locks the module for use by ACCESS.bus only. If the module is accessed through
the LPC bus, it responds according to the setting of the ACCLMD field in the ACBCFG register (see Section
6.3.3 on page 128); in addition, the ACCLVIOL bit in ACBCST is set (see Section 6.3.2 on page 127).
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only
6-5
Reserved.
4
KBCALOK (Keyboard/Mouse Controller Access Lock). When set to 1, this bit disables LPC bus access to
the Keyboard/Mouse Controller module and locks the module for use by ACCESS.bus only. If the module is
accessed through the LPC bus, it responds according to the setting of the ACCLMD field and the ACCLVIOL
bit (see CONFALOK bit). The setting of this bit also forces module activation regardless of the actual setting of
its Activation bit (index 30; see Section 3.2.3 on page 40) and of the setting of the global enable bit (GLOBEN
bit in the SIOCF1 register).
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
3
SER1ALOK (Serial Port 1 Access Lock). When set to 1, this bit disables LPC bus access to the Serial Port
1 module and locks the module for use by ACCESS.bus only. If the module is accessed through the LPC bus,
it responds according to the setting of the ACCLMD field and the ACCLVIOL bit (see CONFALOK bit). The
setting of this bit also forces module activation regardless of the actual setting of its Activation bit (index 30; see
Section 3.2.3 on page 40), of its fast-enable bit (SER1DIS bit in the SIOCF6 register) and of the setting of the
global enable bit (GLOBEN bit in the SIOCF1 register).
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
2
SER2ALOK (Serial Port 2 Access Lock). When set to 1, this bit disables LPC bus access to the Serial Port
2 module and locks the module for use by ACCESS.bus only. This bit behaves like the SER1ALOK bit.
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
1
PARPALOK (Parallel Port Access Lock). When set to 1, this bit disables LPC bus access to the Parallel Port
module and locks the module for use by ACCESS.bus only. This bit behaves like the SER1ALOK bit.
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
0
FDCALOK (Floppy Disk Controller Access Lock). When set to 1, this bit disables LPC bus access to the
Floppy Disk Controller module and locks the module for use by ACCESS.bus only. This bit behaves like the
SER1ALOK bit.
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com