Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 155Page - National Semiconductor (TI) PC87417 Datasheet HTML 156Page - National Semiconductor (TI) PC87417 Datasheet HTML 157Page - National Semiconductor (TI) PC87417 Datasheet HTML 158Page - National Semiconductor (TI) PC87417 Datasheet HTML 159Page - National Semiconductor (TI) PC87417 Datasheet HTML 160Page - National Semiconductor (TI) PC87417 Datasheet HTML 161Page - National Semiconductor (TI) PC87417 Datasheet HTML 162Page - National Semiconductor (TI) PC87417 Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
Revision 1.2
159
www.national.com
8.3.20
BCD and Binary Formats
8.4
USAGE HINTS
1. Read bit 7 of the CRD register at each system power-up to validate the contents of the RTC registers and the CMOS
RAM. When this bit is 0, the contents of these registers and the CMOS RAM are questionable. This bit is reset when the
backup battery voltage is below the minimum specified battery voltage, VBATMIN. Although the RTC oscillator may func-
tion properly and the register contents may be correct at lower voltages than VBATMIN, this bit is reset because correct
functionality cannot be guaranteed. System BIOS may use a checksum method to revalidate the contents of the CMOS-
RAM. The checksum byte must be stored in the CMOS RAM.
2. To maintain valid time and register information, change the backup battery while normal operating power is on and not
while in Backup mode; however, if a low leakage capacitor is connected to VBAT, the battery can also be changed in
Backup mode.
3. A rechargeable NiCd battery may be used instead of a non-rechargeable Lithium battery. This is the preferred solution
for portable systems, where small size components is essential.
4. A supercap capacitor may be used instead of the normal Lithium battery. In a portable system, the VSB voltage is usually
present because the power management stops the system before its voltage falls. The supercap capacitor in the range
of 0.047-0.47F will supply the power during the battery replacement.
Parameter
BCD Format
Binary Format
Seconds
00 to 59
00 to 3B
Minutes
00 to 59
00 to 3B
Hours
12-Hour mode: 01 to 12 (AM)
81 to 92 (PM)
24-Hour mode: 00 to 23
12-Hour mode: 01 to 0C (AM)
81 to 8C (PM)
24-Hour mode: 00 to 17
Day
01 to 07 (Sunday = 01)
01 to 07
Date
01 to 31
01 to 1F
Month
01 to 12 (January = 01)
01 to 0C
Year
00 to 99
00 to 63
Century
00 to 99
00 to 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com