Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 156Page - National Semiconductor (TI) PC87417 Datasheet HTML 157Page - National Semiconductor (TI) PC87417 Datasheet HTML 158Page - National Semiconductor (TI) PC87417 Datasheet HTML 159Page - National Semiconductor (TI) PC87417 Datasheet HTML 160Page - National Semiconductor (TI) PC87417 Datasheet HTML 161Page - National Semiconductor (TI) PC87417 Datasheet HTML 162Page - National Semiconductor (TI) PC87417 Datasheet HTML 163Page - National Semiconductor (TI) PC87417 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
160
Revision1.2
8.5
RTC REGISTER BITMAP
8.6
RTC GENERAL-PURPOSE RAM MAP
Table 39. Standard RAM Map
Table 40. Extended RAM Map
Register
Bits
Offset Mnemonic
76543210
00h
SEC
Seconds Data
01h
SECA
Seconds Alarm Data
02h
MIN
Minutes Data
03h
MINA
Minutes Alarm Data
04h
HOR
Hours Data
05h
HORA
Hours Alarm Data
06h
DOW
Day-of-Week Data
07h
DOM
Date-of-Month Data
08h
MON
Month Data
09h
YER
Year Data
0Ah
CRA
Update in
Progress
Divider Chain Control
Periodic Interrupt Rate Select
0Bh
CRB
SETMODE
PIE
AIE
UIE
Reserved
DATMODE
HRMODE DSVMODE
0Ch
CRC
IRQF
PIF
AIF
UIF
Reserved
0Dh
CRD
Valid RAM
and Time
Reserved
Prog.
DOMA
Date-of-Month Alarm Data
Prog.
MONA
Month Alarm Data
Prog.
CEN
Century Data
Index
Description
0Eh - 7Fh1
1. Battery-backed 111-byte RAM (114
−3 overlaid registers).
Battery-backed General-purpose 111-byte RAM.
Index
Description
00h - 7Fh
Battery-backed General-purpose 128-byte RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com