Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 184Page - National Semiconductor (TI) PC87417 Datasheet HTML 185Page - National Semiconductor (TI) PC87417 Datasheet HTML 186Page - National Semiconductor (TI) PC87417 Datasheet HTML 187Page - National Semiconductor (TI) PC87417 Datasheet HTML 188Page - National Semiconductor (TI) PC87417 Datasheet HTML 189Page - National Semiconductor (TI) PC87417 Datasheet HTML 190Page - National Semiconductor (TI) PC87417 Datasheet HTML 191Page - National Semiconductor (TI) PC87417 Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
188
Revision1.2
9.3.11
Power On Control Register (PWONCTL)
This register controls the power-On process and the way the PC8741x device resumes operation after Power Fail. It is reset
by hardware to 87h.
Power Well:VPP
Location: All Banks, Offset 09h
Type:
Varies per bit
Bit
76
5
43210
Name
WAS
_PFAIL
LAST
_ONCTL
RESUME_MD
LEGACY
_PWBT1
1. This bit is powered from the VDD well and is reset either by VDD power-up reset or by hardware reset.
CRBAR_TOUT
Reset
1
0
0
00111
Bit
Type
Description
7
R/W1C WAS_PFAIL (Was Power Fail Status). Indicates that the device has woken up from a Power Fail
condition (VDD and VSB off). This bit is set by VSB Power-Up reset. Writing ‘1’ clears this bit; writing ‘0’
is ignored.
0: Inactive
1: Wake-up from Power Fail (default)
6RO
LAST_ONCTL (Last Value of ONCTL). This bit reflects the last value of the ONCTL signal when the
previous Power Fail condition (VDD and VSB off) occurred. Writing to this bit is ignored.
0: ONCTL inactive - VDD power Off (default)
1: ONCTL active - VDD power On
5-4
R/W
RESUME_MD (Resume Mode Control). These bits control the power state to which the PC8741x
device resumes after waking-up from a Power Fail condition (i.e., when VDD and VSB are off). Table 49
shows the behavior of the ONCTL and PWBTOUT signals in all four Resume modes.
3
R/W
LEGACY_PWBT (Legacy Power Button). This bit allows the Power button to set ONCTL to inactive
level (VDD power supply Off).
0: ACPI-compliant Power button - VDD power turned off by sleep state (written into SLP_TYPx field or
decoded from SLPS3 and SLPS5) or by a Power Button Override condition (default)
1: Legacy Power button - VDD power turned off by pressing the Power button (PWBTIN) when the VDD
power is on
2-0
R/W
CRBAR_TOUT (Crowbar Timeout Configuration). This field controls the timeout value for the
Crowbar function (the time between the activation of ONCTL and its deactivation as a result of VDD
remaining off). After the Crowbar timeout, the PC8741x device waits another second before it accepts
a new Power button event.
Bits
2 1 0
Timeout (Seconds)
0 0 0:
0.5
0 0 1:
1
0 1 0:
2
0 1 1:
3
1 0 0:
6
1 0 1:
10
1 1 0:
15
1 1 1:
20 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com