Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 187Page - National Semiconductor (TI) PC87417 Datasheet HTML 188Page - National Semiconductor (TI) PC87417 Datasheet HTML 189Page - National Semiconductor (TI) PC87417 Datasheet HTML 190Page - National Semiconductor (TI) PC87417 Datasheet HTML 191Page - National Semiconductor (TI) PC87417 Datasheet HTML 192Page - National Semiconductor (TI) PC87417 Datasheet HTML 193Page - National Semiconductor (TI) PC87417 Datasheet HTML 194Page - National Semiconductor (TI) PC87417 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
191
www.national.com
9.3.13
LED Blink Control Register (LEDBLNK)
This register controls the blinking rate of the two LEDs driven by the PC8741x device. It is reset by hardware to 70h.
Power Well:VPP
Location: All Banks, Offset 0Bh
Type:
R/W
9.3.14
BIOS General-Purpose Scratch Register (BIOSGPR)
This register may be used by the BIOS for general-purpose battery-backed data storage. It is reset by hardware to 00h.
Power Well:VPP
Location: All Banks, Offset 0Eh
Type:
R/W
Bit
76
5
43210
Name
Reserved
LED2BLNK
Reserved
LED1BLNK
Reset
0
1
1
10000
Bit
Description
7
Reserved.
6-4
LED2BLNK (LED2 Blink Rate). These bits control the blinking rate of LED2 output.
Bits
6 5 4
Rate (Hz)
Duty Cycle
0 0 0:
Off
Always inactive
0 0 1:
0.25
12.5%
0 1 0:
0.5
25%
0 1 1:
1
50%
1 0 0:
2
50%
1 0 1:
3
50%
1 1 0:
4
50%
1 1 1:
On
Always active (default)
3
Reserved.
2-0
LED1BLNK (LED1 Blink Rate). These bits control the blinking rate of LED1 output.
Bits
2 1 0
Rate (Hz)
Duty Cycle
0 0 0:
Off
Always inactive (default)
0 0 1:
0.25
12.5%
0 1 0:
0.5
25%
0 1 1:
1
50%
1 0 0:
2
50%
1 0 1:
3
50%
1 1 0:
4
50%
1 1 1:
On
Always active
Bit
76
5
43210
Name
General-Purpose Scratch
Reset
0
0
0
00000
Bit
Description
7-0
General-Purpose Scratch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com