Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 16Page - National Semiconductor (TI) PC87416 Datasheet HTML 17Page - National Semiconductor (TI) PC87416 Datasheet HTML 18Page - National Semiconductor (TI) PC87416 Datasheet HTML 19Page - National Semiconductor (TI) PC87416 Datasheet HTML 20Page - National Semiconductor (TI) PC87416 Datasheet HTML 21Page - National Semiconductor (TI) PC87416 Datasheet HTML 22Page - National Semiconductor (TI) PC87416 Datasheet HTML 23Page - National Semiconductor (TI) PC87416 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
20
Revision1.2
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY
The signal DC characteristics of the pins described in Section 1.4 are denoted by buffer type symbols, which are defined in
Table 1 and described in further detail in Section 11.2. The pin multiplexing information refers to two different types of mul-
tiplexing:
q
Multiplexed, denoted by a slash (/) between pins in the diagrams in Section 1.1. Pins are shared between two differ-
ent functions. Each function is associated with different board connectivity. Normally, the function selection is deter-
mined by the board design and cannot be changed dynamically. The multiplexing options must be configured by the
BIOS upon power-up in order to comply with the board implementation.
q
Multiple Mode, denoted by an underscore (_) between pins in the diagrams in Section 1.1. Pins have two or more
modes of operation within the same function. These modes are associated with the same external (board)
connectivity. Mode selection may be controlled by the device driver through the registers of the functional block and
do not require a special BIOS setup upon power-up. These pins are not considered multiplexed pins from the
ServerI/O configuration perspective. The mode selection method (registers and bits), as well as the signal specifica-
tion in each mode, are described within the functional description of the relevant functional block.
Table 1. Buffer Types
1.3
PIN MULTIPLEXING
The table below shows only multiplexed pins, their associated functional blocks and the configuration bits for the selection
of the multiplexed options used in the PC8741x. Some PC8741x devices implement a subset of these signals. Refer to
Device-Specific Information on page 4 to identify the functions relevant to a specific device.
Symbol
Description
INCS
Input, CMOS compatible, with Schmitt Trigger
INOSC
Input, from crystal oscillator (not characterized)
INPCI
Input, PCI 3.3V
INSM
Input, ACCESS.bus and SMBus compatible
INT
Input, TTL compatible
INTS
Input, TTL compatible, with Schmitt Trigger
INULR
Input, power, resistor protected (not characterized)
Op/n
Output, push-pull output buffer capable of sourcing p mA and sinking n mA
ODn
Output, open-drain output buffer capable of sinking n mA
OOSC
Output, to crystal oscillator (not characterized)
OPCI
Output, PCI 3.3V
PWR
Power pin
GND
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com