Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) PC87416 Datasheet HTML 91Page - National Semiconductor (TI) PC87416 Datasheet HTML 92Page - National Semiconductor (TI) PC87416 Datasheet HTML 93Page - National Semiconductor (TI) PC87416 Datasheet HTML 94Page - National Semiconductor (TI) PC87416 Datasheet HTML 95Page - National Semiconductor (TI) PC87416 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 257 page
background image
www.national.com
92
Revision 1.2
5.0
X-Bus Extension
This section is relevant only for the PC87416 and PC87417. In the PC87413 and PC87414, all X-Bus Extension bits
and signals that influence other modules are at their default value.
5.1
OVERVIEW
The PC8741x provides an X-Bus extension to the LPC bus or ACCESS.bus to enable the connection of external 8-bit
memories or peripherals through the X-Bus’s ISA-like interface. A single read/write line and an enable pin replace the ISA-
like protocol. The decode logic, described in Section 3.15 on page 75, defines the addresses for which the X-Bus generates
transactions that occur in the I/O address space and memory address space or in the FWH memory address space. Using
the X-Bus Interface, the PC8741x serves as a bridge for such transactions over the X-Bus. Figure 12 is a block diagram of
the X-Bus bridging function. For details on the decoder functions, see Section 3.15 on page 75. All other functions are de-
scribed in detail in this section.
Figure 12. X-Bus Extension Block Diagram
The PC8741x supports one IRQ input: XIRQ. This pin may be used to support external legacy devices that are connected
on the X-Bus. The interrupt from this pin can be routed to any one of 15 host IRQs. The IRQ input is mapped by the X-Bus
XIRQ Mapping register at FCh. The XIRQC register enables the user to define the interrupt as active high or low and to route
it to a wake-up event.
5.2
X-BUS TRANSACTIONS
The X-Bus extension supports 8-bit I/O or Memory read/write cycles.
The zone mapping of the chip-select signals determines how X-Bus read and write cycles correspond to memory and I/O
LPC bus cycles. The zone mapping to a select signal (XCS3-0) must be enabled in order for the zone to respond to LPC
transactions. However, when the chip-select signal is not required by an off-chip device, multiplexing the chip select to a pin
is not necessary.
LPC
Bus
X-Bus
Configuration
I/O
Address
Memory
Address
Decoder
Decoder
Bus
Cycle
Generator
XCS0
XCS2
XA11-0
X-Bus Interface
Device Architecture Module
XWR_XRW
XSTB2-0
XRDY
XD7-0
IRQ Router
IRQ
Serializer
XIRQ
XCNF2-0
XRD_XEN
XCS3
XCS1
ACCESS.bus
SERIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com