Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 55Page - National Semiconductor (TI) PC87416 Datasheet HTML 56Page - National Semiconductor (TI) PC87416 Datasheet HTML 57Page - National Semiconductor (TI) PC87416 Datasheet HTML 58Page - National Semiconductor (TI) PC87416 Datasheet HTML 59Page - National Semiconductor (TI) PC87416 Datasheet HTML 60Page - National Semiconductor (TI) PC87416 Datasheet HTML 61Page - National Semiconductor (TI) PC87416 Datasheet HTML 62Page - National Semiconductor (TI) PC87416 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
59
www.national.com
3.8.3
FDC Configuration Register
This register is reset by hardware to 24h.
Power Well:VDD
Location:Index F0h
Type:
R/W
Bit
76543210
Name
Four-Drive
Encode
Enable
TDR
Register
Mode
DENSEL
Polarity
Control
FDC 2Mbps
Enable
Write
Protect
PC-AT or
PS/2 Drive
Mode Select
Reserved
TRI-STATE
Control
Reset
00100100
Bit
Description
7
Four-Drive Encode Enable.
0: Two floppy drives are directly controlled by DR1-0, MTR1-0 (default)
1: Four floppy drives are controlled with the aid of an external decoder
6
TDR Register Mode.
0: PC-AT-Compatible Drive mode; i.e., bits 7-2 of the TDR are 111111b (default)
1: Enhanced Drive mode
5
DENSEL Polarity Control.
0: Active low for 500 Kbps or 1 or 2 Mbps data rates
1: Active high for 500 Kbps or 1 or 2 Mbps data rates (default)
4
FDC 2Mbps Enable. This bit is set only when a 2 Mbps drive is used.
0: 2 Mbps disabled and the FDC clock is 24 MHz (default)
1: 2 Mbps enabled and the FDC clock is 48 MHz
3
Write Protect. This bit enables forcing of write protect functionality by software. When set, writes to the floppy
disk drive are disabled. This effect is identical to an active WP signal.
0: Write protected according to WP signal (default)
1: Write protected regardless of value of WP signal
2
PC-AT or PS/2 Drive Mode Select.
0: PS/2 Drive mode
1: PC-AT Drive mode (default)
1
Reserved.
0
TRI-STATE Control. When enabled and the device is inactive (see Section 3.3.1 on page 43), the logical device
output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com