Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 33Page - National Semiconductor (TI) PC87416 Datasheet HTML 34Page - National Semiconductor (TI) PC87416 Datasheet HTML 35Page - National Semiconductor (TI) PC87416 Datasheet HTML 36Page - National Semiconductor (TI) PC87416 Datasheet HTML 37Page - National Semiconductor (TI) PC87416 Datasheet HTML 38Page - National Semiconductor (TI) PC87416 Datasheet HTML 39Page - National Semiconductor (TI) PC87416 Datasheet HTML 40Page - National Semiconductor (TI) PC87416 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 257 page
background image
2.0 Power, Reset and Clocks (Continued)
Revision 1.2
37
www.national.com
The Frequency Multiplier generates either a 40 MHz or a 48 MHz clock out of the 32.768 KHz clock from the on-chip crystal
oscillator (which is a part of the RTC module; see Section 8.2.2 on page 142). The frequency is selected by the value read
at VSB Power-Up reset from the CKIN48 strap input pin (available for read in the CKIN48 bit of the CLOCKCF register; see
Section 3.7.10 on page 56):
• A strap value of ‘0’ configures the PC8741x device to work without a clock signal that is connected to the CLKIN pin and
to generate a 48 MHz internal clock. This clock is used for the Standby and Output clock domains and is also selected
for the Legacy modules.
• A strap value of ‘1’ configures the PC8741x device to work with a 48 MHz clock signal connected to the CLKIN pin and
to generate a 40 MHz internal clock. This clock is used only for the Standby and Output clock domains. The 48 MHz
input clock is selected for the Legacy modules.
The internal clock generated by the Frequency Multiplier is divided by two and used as the basic clock for the ACCESS.bus Inter-
face and X-Bus Extension modules. In addition, it is scaled-down by a programmable divider and generates the HFCKOUT signal.
On power-up, when VSB is applied, the Frequency Multiplier waits for the 32.768 KHz clock to stabilize before it starts
generating the internal clock. The multiplier output clock is frozen to a low level until the multiplier provides a stable clock
signal that meets all requirements. Then the multiplier output clock starts toggling.
The status of the internal clock is indicated by the CKVALID bit of the CLOCKCF register. While either the on-chip crystal
oscillator or the Frequency Multiplier is stabilizing, this bit is 0, indicating an internal clock frozen at low level. When the in-
ternal clock starts toggling, this bit is set to 1. The software must activate (enable) the Legacy modules (Serial Ports, Parallel
Port, FDC, KBC) only after the CKVALID bit is set.
The programmable divider scales down the frequency of the internal clock according to the CKIN48 strap and the HFCKDV
field of the CLOCKCF register (see Section 3.7.10 on page 56), as shown in Table 7.
.
During frequency transitions caused by software changing the HFCKDIV field value, the output clock is guaranteed to be
glitch free. The high or low level of the clock signal is stable for at least half of the shortest cycle between the previous and
the new frequency.
When the alternate function (GPIO07) is selected for the device pin (see Section 3.7.3 on page 50) or if the HFCKDIS bit in
the CLOCKCF register is set, the programmable divider is disabled to save power. When the programmable divider is dis-
abled by setting the HFCKDIS bit, HFCKOUT is stopped at low level.
Specifications
Frequency Multiplier wake-up time is 33 msec (maximum). This is measured from a valid VSB or a valid 32.768 KHz clock
until the internal clock is stable. Tolerance (long term deviation) of the multiplier output clock, relative to the 32.768 KHz clock,
is
±110 ppm. Total tolerance is therefore ± (input clock tolerance + 110 ppm). Cycle-by-cycle variance is 0.4 nsec (maximum).
2.3.3
Low Frequency Clock
This clock output is obtained by selecting to the LFCKOUT pin either the 32.768 KHz clock or a 1 Hz signal (generated by
the RTC). The LFCKSEL bit in the CLOCKCF register (see Section 3.7.10 on page 56) is responsible for the selection. The
transition from one clock source to the other is not guaranteed to be glitch free.
Table 7. HFCKOUT Frequency Selection
HFCKOUT Frequency
HFCKDIV Field
Divisor
Default
CKIN48 = 0
CKIN48 = 1
Bit 2
Bit 1
Bit 0
48 MHz
40 MHz1
1. The actual value is 40.004 MHz.
0
0
0
1
40 MHz at CKIN48=1
24 MHz
20 MHz
0
0
1
22
2. The output signal, generated using all the division ratios (divisors), has an accurate 50% duty cycle.
24 MHz at CKIN48=0
16 MHz
13.333 MHz
0
1
0
3
12 MHz
10 MHz
0
1
1
4
8 MHz
6.667 MHz
1
0
0
6
6 MHz
5 MHz
1
0
1
8
4 MHz
3.333 MHz
1
1
0
12
3 MHz
2.5 MHz
1
1
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com