Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 63Page - National Semiconductor (TI) PC87416 Datasheet HTML 64Page - National Semiconductor (TI) PC87416 Datasheet HTML 65Page - National Semiconductor (TI) PC87416 Datasheet HTML 66Page - National Semiconductor (TI) PC87416 Datasheet HTML 67Page - National Semiconductor (TI) PC87416 Datasheet HTML 68Page - National Semiconductor (TI) PC87416 Datasheet HTML 69Page - National Semiconductor (TI) PC87416 Datasheet HTML 70Page - National Semiconductor (TI) PC87416 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
67
www.national.com
3.12 SYSTEM WAKE-UP CONTROL (SWC) CONFIGURATION
3.12.1
General Description
System Wake-up Control provides wake-up and power management functionality according to ACPI specification (see Sec-
tion 9.1 on page 161). Its registers are VPP or VSB powered.
3.12.2
Logical Device 4 (SWC) Configuration
Table 21 lists the configuration registers that affect the SWC. See Section 3.2.3 on page 40 for a detailed description of
these registers. All these registers are VDD powered.
Table 21. System Wake-Up Control (SWC) Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate. When bit 0 is cleared, the runtime registers of this logical device are
not accessible (see Section 3.3.1 on page 43).1
1. The logical device runtime registers are maintained and all wake-up detection mechanisms are functional.
R/W
VDD
00h
60h
SWC Base Address MSB register.
R/W
VDD
00h
61h
SWC Base Address LSB register. Bits 4-0 (for A4-0) are read only, 00000b.
R/W
VDD
00h
62h
PM1b_EVT_BLK Base Address MSB register.
R/W
VDD
00h
63h
PM1b_EVT_BLK Base Address LSB register. Bits 1-0 (for A1-0) are read only,
00b.
R/W
VDD
00h
64h
PM1b_CNT_BLK Base Address MSB register.
R/W
VDD
00h
65h
PM1b_CNT_BLK Base Address LSB register. Bits 1-0 (for A1-0) are read only,
00b.
R/W
VDD
00h
66h
GPE1_BLK Base Address MSB register.
R/W
VDD
00h
67h
GPE1_BLK Base Address LSB register. Bits 2-0 (for A2-0) are read only, 000b.
R/W
VDD
00h
70h
Interrupt Number.
R/W
VDD
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
VDD
03h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com