Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 25Page - National Semiconductor (TI) PC87416 Datasheet HTML 26Page - National Semiconductor (TI) PC87416 Datasheet HTML 27Page - National Semiconductor (TI) PC87416 Datasheet HTML 28Page - National Semiconductor (TI) PC87416 Datasheet HTML 29Page - National Semiconductor (TI) PC87416 Datasheet HTML 30Page - National Semiconductor (TI) PC87416 Datasheet HTML 31Page - National Semiconductor (TI) PC87416 Datasheet HTML 32Page - National Semiconductor (TI) PC87416 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
29
www.national.com
1.4.10
Clocks
1.4.11
Configuration Straps
Signal
Pin(s) I/O Buffer Type Power Well
Description
32KX1_32KCLKIN1
1. This pin is not 5-volt tolerant.
42
I
INOSC
VPP
32.768 KHz Crystal Input. Input from external crystal
oscillator circuitry.
32.768 KHz Clock Oscillator Input. Input from external
clock oscillator device.
32KX22
2. This pin is neither 5-volt tolerant nor back-drive protected.
44
O
OOSC
VPP
32.768 KHz Crystal Oscillator Output. Output to external
crystal oscillator circuitry.
LFCKOUT
45
O
O1/2
VSB
Low Frequency Clock Output. The Real-Time Clock
frequency (32.768 KHz) or a 1 Hz clock output.
CLKIN
56
I
INTS
VSB
3
3. The CLKIN signal source can be VDD powered.
Clock Input. 48 MHz for the Legacy functions or no input
clock.
HFCKOUT
13
O
O2/4
VSB
High Frequency Clock Output. Clock output for system
use.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
BADDR
100
I
INCS
VDD
Base Address. Sampled at VDD Power-Up reset to determine
the base address of the configuration Index-Data register pair,
as follows:
No pull-up resistor:
2Eh-2Fh
10 K
Ω external pull-up resistor: 4Eh-4Fh
TRIS
97
I
INCS
VDD
TRI-STATE Device. Sampled at VDD Power-Up reset to force
the device to float all its output and I/O pins, as follows:
No pull-up resistor: pins active
4.7 K
Ω external pull-up resistor:pins floating
CKIN48
55
I
INCS
VSB
CLKIN 48 MHz. Sampled at VSB Power-Up reset to determine
the presence of the 48 MHz input clock at the CLKIN pin, as
follows:
No pull-up resistor:
no clock
10 K
Ω external pull-up resistor: 48 MHz clock
XCNF2-0
(PC87416,
PC87417)
32-34
I
INCS
VSB
X-Bus Default Configuration. Sampled at VSB Power-Up reset
to set the configuration of the X-Bus transactions.
Pins
2 1 0
Functionality
0 x x
No BIOS
1 0 0
With BIOS, XA11-4 multiplexed, XRDY disabled
1 0 1
With BIOS, XA11-4 multiplexed, XRDY enabled
1 1 0
With BIOS, XA11-4 direct, XRDY disabled
1 1 1
With BIOS, XA11-4 direct, XRDY enabled
Pulled to 0 by internal resistor or set to 1 by external 10 K
Ω pull-
up resistor.
ACBSA
(PC87413,
PC87417)
48
I
INCS
VSB
ACCESS.bus Slave Address. Sampled at VSB Power-Up reset
to determine the slave address of the device on the
ACCESS.bus, as follows
No pull-up resistor:
D8h, D9h
10 K
Ω external pull-up resistor: 60h, 61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com