Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 29Page - National Semiconductor (TI) PC87416 Datasheet HTML 30Page - National Semiconductor (TI) PC87416 Datasheet HTML 31Page - National Semiconductor (TI) PC87416 Datasheet HTML 32Page - National Semiconductor (TI) PC87416 Datasheet HTML 33Page - National Semiconductor (TI) PC87416 Datasheet HTML 34Page - National Semiconductor (TI) PC87416 Datasheet HTML 35Page - National Semiconductor (TI) PC87416 Datasheet HTML 36Page - National Semiconductor (TI) PC87416 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 257 page
background image
2.0 Power, Reset and Clocks (Continued)
Revision 1.2
33
www.national.com
Figure 1 shows the power state transitions:
Figure 1. Power State Transitions
2.1.3
Power Connection and Layout Guidelines
The PC8741x requires a power supply voltage of 3.3V
± 10% for both the V
DD and the VSB supplies. The device is designed
to operate with a Lithium backup battery supplying up to 3.6V. Therefore, it includes an internal current-limiting resistor on
the VBAT input to prevent the battery from shorting, as required by the UL regulations.
VDD, VSB and VBAT use a common ground return marked VSS.
To obtain the best performance, bear in mind the following recommendations.
Ground Connection. The following items must be connected to the ground layer (VSS) as close to the device as possible:
• The five ground return (V
SS) pins.
• The decoupling capacitors of the Main power supply (V
DD) pins.
• The decoupling capacitors of the Standby power supply (V
SB) pins.
• The decoupling capacitor of the Backup battery (V
BAT) pin.
Note that a low-impedance ground layer also improves noise isolation.
Decoupling Capacitors. The following decoupling capacitors must be used in order to reduce EMI and ground bounce:
• Main power supply (V
DD): Place one capacitor of 0.1 µFon each VDD-VSS pin pair as close to the pin as possible. In
addition, place one 10
−47 µF tantalum capacitor on the common net as close to the chip as possible.
• Standby power supply (V
SB): Place one capacitor of 0.1 µFon each VSB-VSS pin pair as close to the pin as possible. In
addition, place one 10
−47 µF tantalum capacitor on the common net as close to the chip as possible.
• Backup battery (V
BAT): Place one capacitor of 0.1 µF on the VBAT pin as close to the pin as possible. In addition, place
one 4.7
−10 µF ceramic capacitor on the common net as close to the chip as possible.
VDD, VSB and VBAT Off
Battery Fail
VDD and VSB Off, VBAT On
Power Fail
VDD Off, VSB On
Power Off
VDD and VSB On
Power On
VBAT On,
VPP Power-Up Reset
VSB On,
VDD On,
VBAT Off
VSB Off
VDD Off
VSB On (VBAT Off),
Cold Reset +
VPP Power-Up Reset
VBAT On
VBAT Off
VSB Off (VBAT Off)
VBAT On
VBAT Off
VSB Power-Up Reset
VDD Power-Up Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com