Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 48Page - National Semiconductor (TI) PC87416 Datasheet HTML 49Page - National Semiconductor (TI) PC87416 Datasheet HTML 50Page - National Semiconductor (TI) PC87416 Datasheet HTML 51Page - National Semiconductor (TI) PC87416 Datasheet HTML 52Page - National Semiconductor (TI) PC87416 Datasheet HTML 53Page - National Semiconductor (TI) PC87416 Datasheet HTML 54Page - National Semiconductor (TI) PC87416 Datasheet HTML 55Page - National Semiconductor (TI) PC87416 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
52
Revision1.2
3.7.5
ServerI/O Configuration 4 Register (SIOCF4)
Power Well:VSB
Location:Index 24h
Type:
R/W or RO
Bit
76
5
43210
Name
HFCKMUX
LFCKMUX
Reserved
SMI2IRQ2
NOXBUS
NOADDIR
XRDYMUX
Reset
0
0
0
0
0
Strap
Strap
Strap
Bit
Description
7
HFCKMUX (HFCKOUT Multiplex Control). Selects the function connected to pin 13.
0: HFCKOUT - Clock Generator (default)
1: GPIO07 port - GPIO
6-5
LFCKMUX (LFCKOUT Multiplex Control). Selects the function connected to pin 45.
Bits
6 5
Function
0 0:
GPIO53 port - GPIO (default; internally, MSEN0 is set to 1)
0 1:
LFCKOUT - Clock Generator (internally, MSEN0 is set to 1)
1 0:
MSEN0 - FDC
1 1:
Reserved
4
Reserved.
3
SMI2IRQ2 (SMI to IRQ2 Enable). This bit enables the SMI interrupt to the IRQ2 slot of the SERIRQ.
0: Disabled (default)
1: Enabled (the SMI interrupt is shared with the interrupt source selected to IRQ2; see Table 13 on page 41)
2
NOXBUS (Basic X-Bus Multiplex Control). Selects the function connected to pins 14-19 and 24-31. The
default value is set according to the XCNF2 strap, sampled at VSB Power-Up reset.
0: GPIO20-GPIO25, GPIO30-GPIO37 ports - GPIO
1: XRD_XEN, XWR_XRW, XA3-XA0, XD7-XD0 - X-Bus (PC87416 and PC87417)
1
NOADDIR (XA11-4 Multiplex Control). Selects the function connected to pins 1-8. The default value is set by
the XCNF1 strap if XCNF2 = 1 or to 0 if XCNF2 = 0. The XCNF2 and XCNF1 straps are sampled at VSB
Power-Up reset.
0: GPIOE10-GPIOE17 ports - GPIO
1: XA11-XA4 - X-Bus (PC87416 and PC87417)
0
XRDYMUX (XRDY Multiplex Control). Selects the function connected to pin 9. The default value is set by the
XCNF0 strap if XCNF2 = 1 or to 0 if XCNF2 = 0. The XCNF2 and XCNF0 straps are sampled at VSB Power-
Up reset.
0: GPIO05 port - GPIO (internally, XRDY is set to 1; device ready)
1: XRDY - X-Bus (PC87416 and PC87417)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com