Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 84Page - National Semiconductor (TI) PC87416 Datasheet HTML 85Page - National Semiconductor (TI) PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) PC87416 Datasheet HTML 91Page - National Semiconductor (TI) PC87416 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
88
Revision1.2
3.16.3
RAM Lock Register (RLR)
Once a non-reserved bit is set to 1, it can be cleared either by VDD Power-Up reset (or Hardware reset) or by VSB Power-Up
reset, according to the VSBLOCK bit in the ACBLKCTL register (see Section 6.3.4 on page 128). In addition, all the bits are
cleared by setting the UNLOCKR bit in the ACBLKCTL register (see Section 6.3.4 on page 128 - PC87413 and PC87417).
Power Well:VSB
Location:Index F0h
Type:
R/W1S
Bit
76543210
Name
BLSTR
BLRWR
BLEXRWR
BLEXRRD
BLEXR
Reserved
Reset
00000000
Bit
Description
7
BLSTR (Block Standard RAM). Disables both read and write access to locations 38h-3Fh of the Standard RAM
(writes are ignored; reads return FFh).
0: Normal access (default)
1: Read and write to locations 38h-3Fh of the Standard RAM are blocked
6
BLRWR (Block RAM Write). Disables write access to both the Standard and Extended RAM (writes are
ignored).
0: Normal access (default)
1: Writes to RAM (Standard and Extended) are blocked
5
BLEXRWR (Block Extended RAM Write). Disables write access to bytes 00h-1Fh of the Extended RAM (writes
are ignored).
0: Normal access (default)
1: Writes to bytes 00h-1Fh of the Extended RAM are blocked
4
BLEXRRD (Block Extended RAM Read). Disables read access from bytes 00h-1Fh of the Extended RAM
(reads return FFh).
0: Normal access (default)
1: Reads from bytes 00h-1Fh of the Extended RAM are blocked
3
BLEXR (Block Extended RAM). Disables both read and write access to the Extended RAM (writes are ignored;
reads return FFh).
0: Normal access (default)
1: Read and write to the Extended RAM are blocked
2-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com