Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 226 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 226 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 222Page - National Semiconductor (TI) PC87416 Datasheet HTML 223Page - National Semiconductor (TI) PC87416 Datasheet HTML 224Page - National Semiconductor (TI) PC87416 Datasheet HTML 225Page - National Semiconductor (TI) PC87416 Datasheet HTML 226Page - National Semiconductor (TI) PC87416 Datasheet HTML 227Page - National Semiconductor (TI) PC87416 Datasheet HTML 228Page - National Semiconductor (TI) PC87416 Datasheet HTML 229Page - National Semiconductor (TI) PC87416 Datasheet HTML 230Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
www.national.com
226
Revision1.2
10.3.3
SP1/SP2 Register Maps
Table 64. Bank 0 Register Map
Offset
Mnemonic
Register Name
Type
00h
RXD
Receiver Data
RO
TXD
Transmitter Data
W
01h
IER
Interrupt Enable
R/W
02h
EIR
Event Identification
R
FCR
FIFO Control
W
03h
LCR
Link Control
W
BSR
Bank Select
R/W
04h
MCR
Modem/Mode Control
R/W
05h
LSR
Link Status
R/W
06h
MSR
Modem Status
R
07h
SPR
Scratch Pad
R/W
ASCR
Auxiliary Status and Control
RO
Table 65. Bank 1 Register Map
Offset
Mnemonic
Register Name
Type
00h
LBGD(L)
Legacy Baud Generator Divisor (Low Byte)
R/W
01h
LBGD(H)
Legacy Baud Generator Divisor (High Byte)
R/W
02h
Reserved
03h
LCR/BSR
Link Control/ Bank Select
R/W
04h-07h
Reserved
Table 66. Bank 2 Register Map
Offset
Mnemonic
Register Name
Type
00h
BGD(L)
Baud Generator Divisor (Low Byte)
R/W
01h
BGD(H)
Baud Generator Divisor (High Byte)
R/W
02h
EXCR1
Extended Control 1
R/W
03h
BSR
Bank Select
R/W
04h
EXCR2
Extended Control 2
R/W
05h
Reserved
06h
TXFLV
TX_FIFO Level
RO
07h
RXFLV
RX_FIFO Level
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com