Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 228Page - National Semiconductor (TI) PC87416 Datasheet HTML 229Page - National Semiconductor (TI) PC87416 Datasheet HTML 230Page - National Semiconductor (TI) PC87416 Datasheet HTML 231Page - National Semiconductor (TI) PC87416 Datasheet HTML 232Page - National Semiconductor (TI) PC87416 Datasheet HTML 233Page - National Semiconductor (TI) PC87416 Datasheet HTML 234Page - National Semiconductor (TI) PC87416 Datasheet HTML 235Page - National Semiconductor (TI) PC87416 Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
232
Revision1.2
11.1.3
Capacitance
11.1.4
Power Consumption under Recommended Operating Conditions
11.1.5
Voltage Thresholds
Symbol
Parameter
Min2
Typ1
1. TA = 25°C, f = 1 MHz.
Max2
2. Not tested. Guaranteed by characterization.
Unit
CIN
Input Pin Capacitance
45
pF
CIN1
Clock Input Capacitance3
3. LCLK, CLKIN.
5
8
12
pF
CIO
I/O Pin Capacitance
810
pF
CO
Output Pin Capacitance
68
pF
Symbol
Parameter
Conditions1
1. All parameters specified for 0
° C ≤ T
A ≤ 70° C; VDD and VSB = 3.3V ±10%, unless otherwise specified.
Typ
Max
Unit
IDD
VDD Average Main Supply Current
VIL = 0.5V, VIH = 2.4V
No Load
21
30
mA
IDDLP
VDD Quiescent Main Supply Current in
Low Power Mode2
2. All the modules disabled; clock outputs disabled; no LPC or ACCESS.bus activity.
VIL =VSS,VIH =VDD
No Load
0.5
0.8
mA
ISB
VSB Average Main Supply Current
VIL = 0.5V, VIH = 2.4V
No Load
14
20
mA
ISBLP
VSB Quiescent Main Supply Current in
Low Power Mode2
VIL =VSS,VIH =VSB
No Load
58
mA
IBAT
VBAT Battery Supply Current
VDD,VSB =0V,
VBAT =3V
0.9
1.5
µA
Symbol
Parameter1
1. All parameters specified for 0
° C
≤ T
A ≤ 70° C.
Min2
2. Not tested. Guaranteed by characterization.
Typ
Max2
Unit
VDDON
VDD Detected as Power-on
2.3
2.6
2.9
V
VDDOFF
VDD Detected as Power-off
2.2
2.5
2.8
V
VDDHY
VDD Hysteresis (VDDON − VDDOFF)
0.1
V
VSBON
VSB Detected as Power-on
2.3
2.6
2.9
V
VSBOFF
VSB Detected as Power-off
2.2
2.5
2.8
V
VSBHY
VSB Hysteresis (VSBON − VSBOFF)
0.1
V
VBATDTC
Battery Detected
1.0
1.2
V
VLOWBAT
Low Battery Voltage
1.3
1.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com