Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 254 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 254 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 249Page - National Semiconductor (TI) PC87416 Datasheet HTML 250Page - National Semiconductor (TI) PC87416 Datasheet HTML 251Page - National Semiconductor (TI) PC87416 Datasheet HTML 252Page - National Semiconductor (TI) PC87416 Datasheet HTML 253Page - National Semiconductor (TI) PC87416 Datasheet HTML 254Page - National Semiconductor (TI) PC87416 Datasheet HTML 255Page - National Semiconductor (TI) PC87416 Datasheet HTML 256Page - National Semiconductor (TI) PC87416 Datasheet HTML 257Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 254 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
254
Revision1.2
Figure 68. Resume by SLPS3, SLPS5, After Power Fail (No VBAT)
Wake-Up Inputs at VDD Power Switching
Figure 69. Wake-Up Inputs at VDD Power Switching (VDDFELL Enabled)
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
69
External Wake-up inputs
valid1
1. Not tested. Guaranteed by design.
After VDD power On
1 s
1.25 s
tVDFH
69
VDDFELL high time1
After VDD power Off
1 s
1.25 s
tKBMID
69
Keyboard and Mouse Wake-
up inputs disable1
After VDD power Off, if
VDDFELL is enabled
2 s
2.25 s
VSB (Power)
tEWIV
VSBOFF
VSBON
(Internal)
VSB Power-Up Reset
32 KHz Clock
(internal)
t32KW
tIRST
SLPS3, SLPS5
ONCTL
TRI-STATE
PWBTOUT
TRI-STATE
tPBOP
VDD (Power)
VDDFELL
GPIOE10-17,
tEWIV
GPIOE40-47
KBCLK, MCLK
VDDOFF
VDDON
tVDFH
tKBMID
KBDAT, MDAT
(VDDLOAD = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com