Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 115Page - National Semiconductor (TI) PC87416 Datasheet HTML 116Page - National Semiconductor (TI) PC87416 Datasheet HTML 117Page - National Semiconductor (TI) PC87416 Datasheet HTML 118Page - National Semiconductor (TI) PC87416 Datasheet HTML 119Page - National Semiconductor (TI) PC87416 Datasheet HTML 120Page - National Semiconductor (TI) PC87416 Datasheet HTML 121Page - National Semiconductor (TI) PC87416 Datasheet HTML 122Page - National Semiconductor (TI) PC87416 Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
119
www.national.com
6.2.5
Acknowledge after Every Byte Rule
According to this rule, the master generates an acknowledge clock pulse after each byte transfer and the receiver (master
or slave) sends an acknowledge signal after every byte received. There are two exceptions to this rule:
• When the master is the receiver, it must indicate to the slave transmitter the end of the expected data by not acknowl-
edging (NACK) the last byte clocked out of the slave. This negative acknowledge still includes the acknowledge clock
pulse (generated by the master), but the ACBDAT line is not pulled down.
• When a problem has occurred in the slave receiver, it sends a NACK to indicate that it did not accept the previous data
byte or cannot accept additional data bytes.
The NACK indicates an error in data reception (by slave or master) and a request to repeat the ACCESS.bus transaction.
6.2.6
Addressing Transfer Formats
Each device on the bus has a unique address. The PC8741x device starts a slave address set-up process if one of the fol-
lowing occurs:
• AV
SB Power-Up reset is activated by VSB going up: in this case, the ACBSA strap value is also sampled (see Section
2.2.2 on page 34).
• A broadcast transaction to the General Call address with a “Reset and write programmable part of slave address by hard-
ware” command is received over the ACCESS.bus (see below).
During the slave address set-up process, the PC8741x device performs the following actions in the order listed:
1. Checks the value of the ACBSADD field in the ACBCF register (see Section 3.7.11 on page 57); if the value of the bits
is valid (not zero), the value is adopted and the other two actions are ignored.
2. Checks the value of the ACBSA strap sampled at the VSB Power-Up reset.
3. Adopts one of the two fixed values (see Section 1.4.11 on page 29) for its slave address, according to the ACBSA value.
Before any data is transmitted, the master transmits the address of the target slave. The slave must send an acknowledge
signal on the ACBDAT line once it recognizes its address.
The address consists of the first seven bits after a Start Condition. The direction of the data transfer (R/W) depends on the
eighth bit (which is sent after the address).
When the address is sent, each device in the system compares this address with its own. If there is a match, the device
considers itself addressed and sends an acknowledge signal. Depending on the state of the R/W bit (1=read, 0=write), the
device acts either as a transmitter or a receiver. The combination of the 7-bit address and the R/W bit is used in this docu-
ment to define the slave address as a write address (even) and a read address (odd) pair.
A low-to-high transition during a ACBCLK high period indicates the Stop Condition and ends the transaction of ACBDAT
(see Figure 34).
S
Start Condition
ACBCLK
12 3 - 6
7
8
9
Transmitter Stays Off Bus
During Acknowledge Clock
Acknowledge
Signal From Receiver
Data Output
by Transmitter
Data Output
by Receiver
Figure 33. ACCESS.bus Acknowledge Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com