Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 120Page - National Semiconductor (TI) PC87416 Datasheet HTML 121Page - National Semiconductor (TI) PC87416 Datasheet HTML 122Page - National Semiconductor (TI) PC87416 Datasheet HTML 123Page - National Semiconductor (TI) PC87416 Datasheet HTML 124Page - National Semiconductor (TI) PC87416 Datasheet HTML 125Page - National Semiconductor (TI) PC87416 Datasheet HTML 126Page - National Semiconductor (TI) PC87416 Datasheet HTML 127Page - National Semiconductor (TI) PC87416 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
124
Revision1.2
Reset Slave Transaction
This is a broadcast transaction to the General Call address (00h) that resets the ACCESS.bus Interface logic and the data
registers (the configuration registers are not affected) and reloads the current slave address by starting a slave address set-
up process (see Section 6.2.6 on page 119). PEC is not supported for this transaction. Since this is a broadcast transaction,
all slave devices connected to the ACCESS.bus respond to it.
Write Internal Transaction
This transaction writes a byte of data to a register of a functional block of the PC8741x device. The functional block is se-
lected by the Logical Device Number for the ACCESS.bus (see Table 33 on page 123). The specific register is accessed
using the 8-bit offset address (from the base of the functional block). If PEC is supported, the master sends a PEC byte at
the end of the transaction.
If the selected Logical Device is not powered (the VDD supply is off), the PC8741x device generates a NACK bit at the end
of the Command byte, sets the OFFLDN bit in the ACBCST register (see Section 6.3.2 on page 127) and aborts the trans-
action.
Read Internal Transaction
This transaction reads a byte of data from a register of a functional block of the PC8741x device. The functional block is
selected by the Logical Device Number for the ACCESS.bus (see Table 33 on page 123). The specific register is accessed
using the 8-bit offset address (from the base of the functional block). This transaction is executed in two phases:
q
The master executes an ACCESS.bus write transaction, which conveys the Command (Read) and Offset Address
information to the PC8741x device. During this phase, the data is read from the specific register into the Read Buffer.
This phase has no Stop Condition.
q
Following a Restart condition, the master executes an ACCESS.bus read transaction. During this phase the data is
transferred from the Read Buffer to the master. At the end of this phase, the PC8741x device returns a PEC byte if
required by the master. The calculated PEC value is based on the bytes transferred during both phases.
If the selected Logical Device is not powered (the VDD supply is off), the PC8741x device generates a NACK bit at the end
of the Command byte, sets the OFFLDN bit in the ACBCST register (see Section 6.3.2 on page 127) and aborts the trans-
action.
S
P
General Call Address
Reset & Reload Slave Address
A
(00h)
(06h)
= Start condition
= ACK by slave
S
A
A
= Stop condition
P
P
Slave Address
Command
Offset Address
Data
PEC
(S.A, Write)
(OA7-OA0)
(Int, Write, LDN)
S
A
A
A
A
A
= Start condition
= ACK by slave
S
A
= Stop condition
P
P
Slave Address
Command
Offset Address
Data
PEC
(S.A, Write)
(OA7-OA0)
(Int, Read, LDN)
S
A
A
A
A
N
= Start condition
= Restart condition
S
= Stop condition
P
Slave Address
(S.A, Read)
R
A
= ACK by slave
A
R
A = ACK by master
N
= NACK by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com