Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 129Page - National Semiconductor (TI) PC87416 Datasheet HTML 130Page - National Semiconductor (TI) PC87416 Datasheet HTML 131Page - National Semiconductor (TI) PC87416 Datasheet HTML 132Page - National Semiconductor (TI) PC87416 Datasheet HTML 133Page - National Semiconductor (TI) PC87416 Datasheet HTML 134Page - National Semiconductor (TI) PC87416 Datasheet HTML 135Page - National Semiconductor (TI) PC87416 Datasheet HTML 136Page - National Semiconductor (TI) PC87416 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
133
www.national.com
6.3.8
Access Lock Configuration 2 Register (ACCLCF2)
This register controls the locking to LPC bus access of the device functional blocks. On reset, it is cleared (00h).
Power Well: VSB
Location:
Offset 06h
Type:
R/W
Bit
76543210
Name
SWCALOK
RTCALOK
XBSALOK
Reserved
XCS3ALOK XCS2ALOK XCS1ALOK XCS0ALOK
Reset
00000000
Bit
Description
7
SWCALOK (System Wake-up Controller Access Lock). When set to 1, this bit disables the LPC bus access
to the System Wake-up Controller module and locks the module for use by ACCESS.bus only. If the module is
accessed through the LPC bus (the SWC registers), it responds according to the setting of the ACCLMD field
in the ACBCFG register (see Section 6.3.3 on page 128), and the ACCLVIOL bit in ACBCST is set (see Section
6.3.2 on page 127). This bit does not affect LPC access to the ACPI registers. The setting of this bit also forces
module activation regardless of the actual setting of its Activation bit (index 30; see Section 3.2.3 on page 40)
and of the setting of the global enable bit (GLOBEN bit in the SIOCF1 register).
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
6
RTCALOK (Real-Time Clock Access Lock). When set to 1, this bit disables the LPC bus access to the Real-
Time Clock module and locks the module for use by ACCESS.bus only. This bit behaves like the SWCALOK bit.
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
5
XBSALOK (X-Bus Module Access Lock). When set to 1, this bit disables the LPC bus access to the X-Bus
module and locks the module for use by ACCESS.bus only (PC87417). This bit behaves like the SWCALOK bit.
0: Module opened for LPC access (default)
1: Module locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on page 44)
4
Reserved.
3
XCS3ALOK (X-Bus XCS3 Access Lock). When set to 1, this bit disables the LPC bus access to the X-Bus
devices connected to XCS3 and locks them for use by ACCESS.bus only (PC87417). This bit behaves like the
SWCALOK bit.
0: XCS3-connected devices opened for LPC access (default)
1: XCS3-connected devices locked for LPC access and opened for use by ACCESS.bus only (see Section 3.3.2 on
page 44)
2
XCS2ALOK (X-Bus XCS2 Access Lock). Same as XCS3ALOK bit for X-Bus devices connected to XCS2
(PC87417)
1
XCS1ALOK (X-Bus XCS1 Access Lock). Same as XCS3ALOK bit for X-Bus devices connected to XCS1
(PC87417)
0
XCS0ALOK (X-Bus XCS0 Access Lock). Same as XCS3ALOK bit for X-Bus devices connected to XCS0
(PC87417)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com