Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 134Page - National Semiconductor (TI) PC87416 Datasheet HTML 135Page - National Semiconductor (TI) PC87416 Datasheet HTML 136Page - National Semiconductor (TI) PC87416 Datasheet HTML 137Page - National Semiconductor (TI) PC87416 Datasheet HTML 138Page - National Semiconductor (TI) PC87416 Datasheet HTML 139Page - National Semiconductor (TI) PC87416 Datasheet HTML 140Page - National Semiconductor (TI) PC87416 Datasheet HTML 141Page - National Semiconductor (TI) PC87416 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 257 page
background image
7.0 General-Purpose Input/Output (GPIO) Ports (Continued)
www.national.com
138
Revision1.2
Event Debounce Enable
The input signal can be debounced for about 15 msec before entering the detector. To ensure that the signal is stable, the
signal state is transferred to the event detector only after a debouncing period during which the signal has no transitions.
The debouncer adds a 16 msec delay to both assertion and de-assertion of the event pending indicator (IRQ, SMI, SCI).
The debounce is controlled by Event Debounce Enable (bit 6 of the GPCFG1 register).
Event Type and Polarity
Two trigger types of event detection are supported: edge and level. An edge event may be detected upon a source pin tran-
sition either from high to low or low to high. A level event may be detected when the source pin is either at high or low level.
The trigger type is determined by Event Type (bit 4 of the GPCFG1 register). The direction of the transition (for edge) or the
polarity of the active level (for level) is determined by Event Polarity (bit 5 of the GPCFG1 register).
The term active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for
falling edge). Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level).
The corresponding bit of the GPEVST register is set by hardware whenever an active edge or an active level is detected
regardless of the GPEVEN register setting. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if an active event occurred (the corresponding bit of the GPEVST register is set) and
the corresponding bit of the GPEVEN register is set.
7.3.2
System Notification
System notification on GPIO-triggered events is achieved by asserting at least one of the following output pins:
• Interrupt Request (via the Interrupt Serializer in the LPC Bus Interface).
• System Management Interrupt (SIOSMI, via the System Wake-Up Control).
The system notification for each GPIO pin is controlled by the corresponding bit in the GPEVEN register and the bits of the
GPEVR register. System notification by a GPIO pin is enabled if the corresponding bit of the GPEVEN register is set to 1.
The bits of the GPEVR register select the means of system notification (IRQ or SMI) that the detected GPIO event is routed
to. The event routing mechanism is described in Figure 38.
Figure 38. GPIO Event Routing Mechanism for System Notification
The system notification to the target is asserted if at least one GPIO pin is in event pending state.
The selection of the target (the means of system notification) is determined by the GPEVR register. If IRQ is selected as one
of the means for the system notification, the specific IRQ number is determined by the IRQ selection procedure of the device
configuration. The assertion of IRQ (as a means of system notification) is disabled either when the GPIO functional block is
deactivated or when the VDD power is Off.
The assertion of SMI is independent of the activation of the GPIO functional block. SMI from GPIO pins connected to a device
powered by VDD (VDDLOAD = 1 in the GPCFG2 register) is disabled when the VDD power is Off. However, SMI from GPIO
pins connected to a device powered by VSB (VDDLOAD = 0) is not affected by the status of the VDD power.
GPIO Event Pending Indication
SIOSMI
IRQ
Event
Routing
Logic
Enable
IRQ
Event Routing Register
Bit 1
Bit 0
(GPEVR)
Routed Events
from other GPIO Pins
Routing
Routing
Enable
SMI
GPIO Pin
GPIO Event to
GPIO Event to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com