Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 139Page - National Semiconductor (TI) PC87416 Datasheet HTML 140Page - National Semiconductor (TI) PC87416 Datasheet HTML 141Page - National Semiconductor (TI) PC87416 Datasheet HTML 142Page - National Semiconductor (TI) PC87416 Datasheet HTML 143Page - National Semiconductor (TI) PC87416 Datasheet HTML 144Page - National Semiconductor (TI) PC87416 Datasheet HTML 145Page - National Semiconductor (TI) PC87416 Datasheet HTML 146Page - National Semiconductor (TI) PC87416 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
Revision 1.2
143
www.national.com
Table 35. Crystal Oscillator Circuit Components
External Elements
Choose C1 and C2 capacitors (see Figure 39) to match the crystal’s load capacitance. The load capacitance CL “seen” by
crystal Y is comprised of C1 in series with C2 and in parallel with the parasitic capacitance of the circuit. The parasitic ca-
pacitance is caused by the chip package, board layout and socket (if any) and can vary from 0 to 8 pF. The rule of thumb in
choosing these capacitors is:
CL = (C1 * C2) / (C1 + C2) + CPARASITIC
Oscillator Start-Up
The oscillator starts to generate 32.768 KHz pulses to the RTC after about t32KW from when VBAT is higher than VBATMIN
(2.4V) or VSB is higher than VSBON (2.5V). The oscillation amplitude on the X2C pin stabilizes to its final value (approximately
0.4V peak-to-peak around 0.7V DC) in about 1 sec.
C1 can be trimmed to achieve precisely 32.768 KHz. For highly accurate timekeeping, use crystal and capacitors with low
tolerance and temperature coefficients.
8.2.4
External Oscillator
32.768 KHz can be applied from an external clock source, as shown in Figure 40.
Figure 40. External Oscillator Connections
Connections
Connect the clock to the 32KCLKIN pin, leaving the oscillator output, 32KX2, unconnected.
Component
Parameters
Values
Tolerance
Crystal
Resonance Frequency
32.768 KHz Parallel mode
User defined
Type
N-Cut or XY-bar
Serial Resistance
40 K
Ω
Max
Quality Factor, Q
35000
Min
Shunt Capacitance
2 pF
Max
Load Capacitance, CL
9-13 pF
Temperature Coefficient
User-defined
Resistor R1
Resistance
20 M
Ω
5%
Resistor R2
Resistance
510 K
Ω
5%
Capacitor C1
Capacitance
10 pF
5%
Capacitor C2
Capacitance
10 pF
5%
32.768 KHz
Clock Generator
Internal
External
32KCLKIN /
32KX2
NC
To other
modules
Battery
VBAT
B1
CF
CF
OUT
PWR
CF = 0.1
µF
32KX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com