Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 145Page - National Semiconductor (TI) PC87416 Datasheet HTML 146Page - National Semiconductor (TI) PC87416 Datasheet HTML 147Page - National Semiconductor (TI) PC87416 Datasheet HTML 148Page - National Semiconductor (TI) PC87416 Datasheet HTML 149Page - National Semiconductor (TI) PC87416 Datasheet HTML 150Page - National Semiconductor (TI) PC87416 Datasheet HTML 151Page - National Semiconductor (TI) PC87416 Datasheet HTML 152Page - National Semiconductor (TI) PC87416 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
Revision 1.2
149
www.national.com
8.3
RTC REGISTERS
The RTC configuration registers can be accessed at any time during normal or standby operation; i.e., when VSB and/or VDD
are within the recommended operation range. Access to the RTC configuration registers is disabled during battery-backed
operation.
The register maps in this chapter use the following abbreviations for Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
8.3.1
RTC Configuration Registers Structure
The RTC configuration registers can be accessed at any time during normal or standby operation; i.e., when VSB and/or VDD
are within the recommended operation range. Access to the RTC configuration registers is disabled during battery-backed
operation. See Section 3.16 on page 87 for a description of the Configuration registers.
Table 36. RTC Configuration Register Map
Index
RTC Configuration Register or Action
Type
Power Well
Reset
F0h
RAM Lock Register (RLR).
R/W1S
VSB
00h
F1h
Date-of-Month Alarm Register Offset (DOMAO).
R/W
VSB
00h
F2h
Month Alarm Register Offset (MONAO).
R/W
VSB
00h
F3h
Century Register Offset (CENO).
R/W
VSB
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com