Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 158Page - National Semiconductor (TI) PC87416 Datasheet HTML 159Page - National Semiconductor (TI) PC87416 Datasheet HTML 160Page - National Semiconductor (TI) PC87416 Datasheet HTML 161Page - National Semiconductor (TI) PC87416 Datasheet HTML 162Page - National Semiconductor (TI) PC87416 Datasheet HTML 163Page - National Semiconductor (TI) PC87416 Datasheet HTML 164Page - National Semiconductor (TI) PC87416 Datasheet HTML 165Page - National Semiconductor (TI) PC87416 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
162
Revision1.2
Figure 47. SWC Block Diagram
9.2
FUNCTIONAL DESCRIPTION
9.2.1
External Events
General-Purpose Input/Output Events
The PC8741x devices support 16 VSB-powered General-Purpose Input/Output events through ports GPIOE10-17 and
GPIOE40-47. VDD- and VSB-powered signals can be connected to the GPIO pins to become sources of external events. A
VDD-powered signal used to generate an event is internally disabled (for event generation) while VDD power is off and also
for 1 second after VDD power is restored. This prevents the detection of false events during power transitions and while the
signal driver is unpowered. For the same reasons, a VSB-powered signal used to generate an event is enabled only 1 second
after the VSB power is on. (When VSB is off, the whole SWC module is disabled.)
Each GPIOE pin has programmable polarity and an optional 16 ms debouncer (see Figure 48). The debouncer is enabled
after the reset but can be disabled by software.
A GPIO event can generate the system interrupts (IRQ and SMI) if the event is enabled and routed to the specific interrupt.
The status, event enable and pending event routing bits to IRQ and SMI are implemented in the GPIO Ports module (see
Section 7.3 on page 137). The status bit is set when an event of the programmed type (edge or level) is detected.
A GPIO event can also generate the Power Management signals (the SCI interrupt, the ONCTL power supply control and
the PWBTOUT signal). The status, event enable and wake-up state enable bits are implemented in the SWC module (see
Figures 48 and 50).
External
Events
IRQ
SIOSMI
Interrupt
Routing
Control
SIOSCI
SCI
Interrupt
Enable
ONCTL
PWBTOUT
4 Sec.
Override
and
Power
Management
Signals
Crowbar
Enable
LED1
LED2
LED
Control
Power Active Timers
Debounce
and
Detection
Event
Status
31
Internal
Events
7
24
Power Button
VDD, VSB Status
Current Sleep State
2
1 Hz Clock
Sleep
State
Converter
4
2
SLP_TYPx
SLP_EN
SPLS3
SLPS5
SWC
Watchdog
1 Min. Clock
WDO
Legacy
Power
Button
S5
Power Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com