Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 10Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 11Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 12Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 13Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
10
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Pin Number
Pin Name
Type
Description
FT810 FT811 FT812 FT813
13
13
16
16
X1/CLK
I
Crystal oscillator or clock input; Connect to
GND if not used.
3.3V peak input allowed.
Powered from pin VCC.
14
14
17
17
X2
O
Crystal oscillator output; leave open if not
used.
Powered from pin VCC.
15
15
18
18
GND
P
Ground
16
16
19
19
VCC
P
3.3V power supply input.
17
17
20
20
VOUT1V2
O
1.2V regulator output pin. Connect a 4.7uF
decoupling capacitor to GND.
18
18
21
21
VCC
P
3.3V power supply input.
22
22
VCCIO2
P
I/O power supply for RGB and touch pins.
For QFN-48 package, VCCIO2 is bonded
together with VCC pin;
For QFN-56 package, VCCIO2 is separate from
VCC pin. VCCIO2 supports 1.8V, 2.5V or 3.3V.
VCCIO2 can be connected to different voltage
with VCCIO1.
19
23
XP
AI/O
Connect to X right electrode of 4-wire resistive
touch-screen panel.
Powered from pin VCCIO2.
20
24
YP
AI/O
Connect to Y top electrode of 4-wire resistive
touch-screen panel.
Powered from pin VCCIO2.
21
25
XM
AI/O
Connect to X left electrode of 4-wire resistive
touch-screen panel.
Powered from pin VCCIO2.
22
26
YM
AI/O
Connect to Y bottom electrode of 4-wire
resistive touch-screen panel.
Powered from pin VCCIO2.
-
19
-
23
CTP_RST_N
O
Connect to reset pin of the CTPM.
Powered from pin VCCIO2.
-
20
-
24
CTP_INT_N
I
Connect to interrupt pin of the CTPM.
Powered from pin VCCIO2.
-
21
-
25
CTP_SCL
I/OD
Connect to I2C SCL pin of the CTPM.
Powered from pin VCCIO2.
-
22
-
26
CTP_SDA
I/OD
Connect to I2C SDA pin of the CTPM.
Powered from pin VCCIO2.
23
23
27
27
GND
P
Ground
24
24
28
28
BACKLIGHT
O
LED Backlight brightness PWM control signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com