Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 34Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 35Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 36Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 37Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 38Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 39Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
38
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
4.8.3.5 Wake up to ACTIVE from other power states
When in the POWER DOWN state, if the device enters this state via an SPI command, then only the SPI
ACTIVE command will bring the device back to the ACTIVE state, provided PD_N pin is also high.
However, if PD_N is used instead, then making PD_N high followed by a SPI ACTIVE command will wake
up the device. Upon exiting this state, the device will perform a global reset, and will go through the
same power up sequence. All settings from SPI commands will be reset except those that pertain to pin
states during power down. The clock enable sequence mentioned in section 4.2.3 shall be executed to
properly select and enable the system clock.
From the SLEEP state, the host MPU sends an SPI ACTIVE command to wake the FT81x into the ACTIVE
state. The host needs to wait for at least 20ms before accessing any registers or commands. This is to
guarantee the clock oscillator and PLL are up and stable.
From the STANDBY state, the host MPU sends SPI ACTIVE command to wake the FT81x into the ACTIVE
state. The host can immediately access any register or command.
4.8.4 Reset and boot-up sequence
There are a few hardware and software reset events which can be triggered to reset the FT81x.
Hardware reset events:
Power-on-Reset(POR)
Toggle the PD_N pin
Software reset events:
SPI command RST_PULSE
SPI command to switch between the internal clock and the external clock
SPI command to enter POWERDOWN then wakeup
After reset the FT81x will be in the SLEEP state. Upon receiving an SPI ACTIVE command, the internal
oscillator and PLL will start up. Once the clock is stable, the chip will check and repair its internal RAM,
running the configuration and release the clock to the system. The chip will exit the reset and boot-up
state and enter into normal operations. The boot-up may take up to 300ms to complete.
4.8.5 Pin Status at Different Power States
The FT81x pin status depends on the power state of the chip. See the following table for more details. At
the power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all pins retain their previous status.
The software needs to set AUDIO_L, BACKLIGHT to a known state before issuing power transition
commands.
The pin status in the power down state can be changed by SPI command PIN_PD_STATE.
Table 4-20 Pin Status
Pin Name
Default Drive
Reset
Normal
Power Down
(Default)
AUDIO_L
20mA
Out, Float
Out
Pull Low
SCK
-
In
In
In
MISO
5mA
Out, Float
(CS_N = 1)
IO
Out, Float
MOSI
5mA
In
IO
In
CS_N
-
In
In
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com