Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 59 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 59 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 52Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 53Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 54Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 55Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 56Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 57Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 58Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 59Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 60Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
59
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Table 4-15 Sound Effect .............................................................................................................. 30
Table 4-16 MIDI Note Effect......................................................................................................... 31
Table 4-17 Resistive Touch Controller Operating Mode .................................................................... 33
Table 4-18 Capacitive Touch Controller Operating Mode .................................................................. 34
Table 4-19 Power supply ............................................................................................................. 36
Table 4-20 Pin Status .................................................................................................................. 38
Table 5-1 FT81x Memory Map ...................................................................................................... 40
Table 5-2 Overview of FT81x Registers.......................................................................................... 40
Table 6-1 Absolute Maximum Ratings............................................................................................ 46
Table 6-2 ESD and Latch-Up Specifications .................................................................................... 46
Table 6-3 Operating Voltage and Current ....................................................................................... 46
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +3.3V) ............................................................... 47
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +2.5V) ............................................................... 47
Table 6-6 Digital I/O Pin Characteristics (VCCIO = +1.8V) ............................................................... 48
Table 6-7 Touch Sense Characteristics .......................................................................................... 48
Table 6-8 System clock characteristics .......................................................................................... 49
Table 6-9 SPI Interface Timing Specification .................................................................................. 50
Table 6-10 RGB interface timing characteristics .............................................................................. 50
Table 8-1 Reflow Profile Parameter Values ..................................................................................... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com