Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 25Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 26Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 27Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 28Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 29Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 30Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 31Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 32Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
29
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
4.5.1 Backlight Control Pin
The backlight dimming control pin (BACKLIGHT) is a pulse width modulated (PWM) signal controlled by
two registers: REG_PWM_HZ and REG_PWM_DUTY. REG_PWM_HZ specifies the PWM output frequency,
the range is 250-10000 Hz. REG_PWM_DUTY specifies the duty cycle; the range is 0-128. A value of 0
means that the PWM is completely off and 128 means completely on.
The BACKLIGHT pin will output low when the DISP pin is not enabled (i.e. logic 0).
4.5.2 DISP Control Pin
The DISP pin is a general purpose output that can be used to enable, or reset the LCD display panel. The
pin is controlled by writing to Bit 7 of the REG_GPIO register, or bit 15 of REG_GPIOX.
4.5.3 General Purpose IO pins
Depending on the package, the FT81x can be configured to use up to 4 GPIO pins. These GPIO pins are
controlled by the REG_GPIOX_DIR and REG_GPIOX registers. Alternatively the GPIO0 and GPIO1 pins
can also be controlled by REG_GPIO_DIR and REG_GPIO to maintain backward compatibility with the
FT800/FT801.
When the QSPI is enabled in Quad mode, GPIO0/IO2 and GPIO1/IO3 pins are used as data lines of the
QSPI.
4.5.4 Pins Drive Current Control
The output drive current of output pins can be changed as per the following table by writing to bit[6:2] of
REG_GPIO register or bit[14:10] of REG_GPIOX register. Alternatively, use the SPI command PINDRIVE
to change the individual pin drive strength.
Table 4-14 Output drive current selection
REG_GPIO
Bit[6:5]
Bit[4]
Bit[3:2]
REG_GPIOX
Bit[14:13]
Bit[12]
Bit[11:10]
Value
00b
#
01b
10b
11b
0b#
1b
00b#
01b
10b
11b
Drive
Current
5m
A
10mA
15mA
20mA
5mA
10mA
5mA
10mA
15mA
20mA
Pins
GPIO0
GPIO1
GPIO2
GPIO3
CTP_RST_N
PCLK
DISP
VSYNC
HSYNC
DE
R7..R0
G7..G0
B7..B0
BACKLIGHT
MISO
MOSI
IO2
IO3
INT_N
Note: #Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com