Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 55 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 55 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 51Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 52Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 53Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 54Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 55Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 56Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 57Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 58Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 59Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
55
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
8.3 Solder Reflow Profile
The FT81x is supplied in a Pb free VQFN-48 or VQFN-56 package. The recommended solder reflow profile
for the package is shown in Figure 8-3.
Figure 8-3 FT81x Solder Reflow Profile
The recommended values for the solder reflow profile are detailed in Table 8-1. Values are shown for
both a completely Pb free solder process (i.e. the FT81x is used with Pb free solder), and for a non-Pb
free solder process (i.e. the FT81x is used with non-Pb free solder).
Table 8-1 Reflow Profile Parameter Values
Profile Feature
Pb Free Solder Process
Non-Pb Free Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature
TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C 60 to 150 seconds
Peak Temperature (Tp)
260°C
240°C
Time within 5°C of actual Peak Temperature
(tp)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, Tp
8 minutes Max.
6 minutes Max.
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
t
L
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com