Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 43Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 44Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 45Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 46Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 47Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
44
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302140h
REG_TOUCH_
TAG3_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag 3 lookup
302144h
REG_TOUCH_TAG3
8 r/o
- Touch-screen tag result 3
302148h
REG_TOUCH_
TAG4_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag 4 lookup
30214Ch
REG_TOUCH_TAG4
8 r/o
- Touch-screen tag result 4
302150h
REG_TOUCH_TRANSFORM
_A
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)
302154h
REG_TOUCH_TRANSFORM
_B
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
302158h
REG_TOUCH_TRANSFORM
_C
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
30215Ch
REG_TOUCH_TRANSFORM
_D
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
302160h
REG_TOUCH_TRANSFORM
_E
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)
302164h
REG_TOUCH_TRANSFORM
_F
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
302168h
REG_TOUCH_CONFIG
16 r/w
8381h(FT8
10/FT812)
0381h(FT8
11/FT813)
Touch configuration.
RTP/CTP select
RTP: short-circuit, sample clocks
CTP: I2C address, CTPM type, low-
power mode
30216Ch
REG_CTOUCH_TOUCH4_X
16 r/o
- Extended mode: touch-screen
screen X data for touch 4
302170h
Reserved
- -
- Reserved
302174h
REG_BIST_EN
1 r/w
0 BIST memory mapping enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com