Electronic Components Datasheet Search
  English  ▼

X  

FT810Q Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT810Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT810Q Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT810Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 10Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 11Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 12Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 13Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 14Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 15Page - Future Technology Devices International Ltd. FT810Q Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
12
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Pin Number
Pin Name
Type
Description
FT810 FT811 FT812 FT813
42
42
48
48
G2
O
Bit 2 of Green RGB signals.
Powered from pin VCCIO2.
-
-
49
49
G1
O
Bit 1 of Green RGB signals.
Powered from pin VCCIO2.
-
-
50
50
G0
O
Bit 0 of Green RGB signals.
Powered from pin VCCIO2.
43
43
51
51
R7
O
Bit 7 of Red RGB signals.
Powered from pin VCCIO2.
44
44
52
52
R6
O
Bit 6 of Red RGB signals.
Powered from pin VCCIO2.
45
45
53
53
R5
O
Bit 5 of Red RGB signals.
Powered from pin VCCIO2.
46
46
54
54
R4
O
Bit 4 of Red RGB signals.
Powered from pin VCCIO2.
47
47
55
55
R3
O
Bit 3 of Red RGB signals.
Powered from pin VCCIO2.
48
48
56
56
R2
O
Bit 2 of Red RGB signals.
Powered from pin VCCIO2.
EP
EP
EP
EP
GND
P
Ground. Exposed thermal pad.
Note:
P
: Power or ground
I
: Input
O
: Output
OD : Open drain output
I/O : Bi-direction Input and Output
AI/O: Analog Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com