Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 20Page - National Semiconductor (TI) DP83257VF Datasheet HTML 21Page - National Semiconductor (TI) DP83257VF Datasheet HTML 22Page - National Semiconductor (TI) DP83257VF Datasheet HTML 23Page - National Semiconductor (TI) DP83257VF Datasheet HTML 24Page - National Semiconductor (TI) DP83257VF Datasheet HTML 25Page - National Semiconductor (TI) DP83257VF Datasheet HTML 26Page - National Semiconductor (TI) DP83257VF Datasheet HTML 27Page - National Semiconductor (TI) DP83257VF Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
30 Functional Description (Continued)
The voltage on the Loop Filter is set by the current pulses
generated by the Phase Comparator The voltage on the
Loop Filter node controls the frequency of the 250 MHz
VCO
250 MHZ VOLTAGE CONTROLLED OSCILLATOR (VCO)
The internal Voltage Controlled Oscillator is a low gain VCO
whose primary frequency of oscillation centers around
250 MHz The VCO produces little clock jitter due to its
exceptional stability under all circumstances
The VCO’s output frequency is proportional to the voltage
on the Loop Filter node
OUTPUT PHASING
The Output Phasing block is a precision clock division circuit
that produces clock signals of 4 distinct frequencies Within
the 125 MHz frequency 5 clock signals with selectable 8 ns
or 16 ns phase difference are produced
The following clock signals are produced
System Clock (CLK16CLK32)
Local Symbol Clock (LSC)
Local Byte Clocks 1 – 5 (LBCn) (Divide by 10)
System Clock (CLK16CLK32)
The System Clock is provided as an extra set of clock fre-
quencies that may be used as a clock for non-FDDI chipset
portions of a system or as a higher frequency System Inter-
face clock for the MACSI device This clock is derived by
dividing the 125 MHz clock by 8 or 4 times
The frequency is selectable through the CLKSEL bit of the
MODE2 register The output has built-in glitch suppression
so that changing the CLKSEL bit will not result in glitches
appearing at the output
Local Symbol Clock (LSC)
The Local Symbol Clock is a 40% HIGH60% LOW duty
cycle clock provided for use by the MACSI device and any
external logic that needs to be synchronized to the Symbol
timing
This clock is derived by dividing the 125 MHz clock by 5
Local Byte Clocks 1 – 5 (LBCn)
The Local Byte Clocks are provided for use by the MACSI
device by any external logic that needs to be synchronized
to the Byte timing and for use in concentrators to synchro-
nize the timing between multiple PLAYERa devices
These clocks are derived by dividing the 125 MHz clock by
10 The different phase relationships between the LBCs are
achieved by tapping off of different outputs of a Johnson
counter inside the Output Phasing block
The phase relationship (separation by 8 ns or 16 ns) of the
LBCs is selected using the PH
SEL pin
One of the LBCs must be used as the source of the feed-
back input FBK
IN which requires a 125 MHz frequency
When the PLAYERa device is using a crystal as a refer-
ence it does not matter which LBC is used as the feedback
input Typically the least loaded LBC is used However
when using an external reference that is supplied by anoth-
er PLAYERa device it is important to select the LBC that
keeps your system properly synchronized Typically all de-
vices will use LBC1 as the feedback input
36 STATION MANAGEMENT SUPPORT
The Station Management Support Block provides a number
of useful features to simplify the implementation of the Con-
nection Management (CMT) portion of SMT
These features eliminate the most severe CMT response
time constraints imposed by the PC
React and CF
React
times The many integrated counters and timers also elimi-
nate the need for additional external devices
The following CMT features are supported
 PC React
 CF React
 Auto Scrubbing (TCF Timer)
 Timer Idle Detection (TID Timer)
 Noise Event Counter (TNE Timer)
 Link Error Monitor (LEM Counter)
PC
REACT
PC
React is one of the timing restrictions imposed by Con-
nection Management (CMT) It is one of the two most crit-
ical timing restrictions imposed (the other being CF
Re-
act)
The ANSI SMT standard states that ‘‘PC
React is the max-
imum time for PCM Physical Connection Management to
make a state transition to PC
Break when QLS a fault
condition or PC
Start signal is present This maximum
time also places a limit on the time to react to a PC
Stop
signal This limitation does not apply to any other PCM tran-
sitions’’ PC
React puts a sharp time limit on how long it
takes to transition to the PC
Break state and transmit the
correct line state when a PC
Break transition is required
The range for the timer is PC
React s 30 ms and has a
default value equal to 30 ms
The PLAYERa device contains a Trigger Definition Regis-
ter and a set of CMT Condition Registers that can be used
to satisfy the PC
React timing
The Trigger Definition Register (TDR) controls two func-
tions First it allows the selection of the line state(s) on
which to trigger (SILS MLS HLS
) For PC
React the
line states used would be the ones that caused a transition
to the PC
Break state from the current PCM state
Second it allows specification of a line state to be transmit-
ted when the trigger condition is met For PC
React this is
the line state that needs to be transmitted when a transition
to the PC
Break state occurs which is Quiet Line State
(QLS)
The set of CMT Condition registers controls interrupt gener-
ation when a trigger condition occurs The CMT Condition
Register set includes a CMT Condition Register (CMTCR) a
CMT Condition Comparison Register (CMTCCR) and a
CMT Condition Mask Register (CMTCMR)
Line state triggering for PC
React is enabled by selecting
line states to trigger on from the Trigger Definition Register
(TDR) bits 3-7
The Trigger Condition Occurred (TCO) bit of the CMTCR is
automatically set when the trigger condition specified by the
TDR register is met
The line state specified by the Trigger Definition Register
(TDR) bits 0 – 2 is then loaded into the Current Transmit
Mode Register (CTSR) causing the line state to be trans-
mitted
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com