Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 49Page - National Semiconductor (TI) DP83257VF Datasheet HTML 50Page - National Semiconductor (TI) DP83257VF Datasheet HTML 51Page - National Semiconductor (TI) DP83257VF Datasheet HTML 52Page - National Semiconductor (TI) DP83257VF Datasheet HTML 53Page - National Semiconductor (TI) DP83257VF Datasheet HTML 54Page - National Semiconductor (TI) DP83257VF Datasheet HTML 55Page - National Semiconductor (TI) DP83257VF Datasheet HTML 56Page - National Semiconductor (TI) DP83257VF Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
50 Registers (Continued)
59 CURRENT RECEIVE STATE REGISTER (CRSR)
The Current Receive State Register represents the current line state being detected by the Receiver Block When the Receiver
Block recognizes a new Line State the bits corresponding to the previous line state are cleared and the bits corresponding to
the new line state are set
During the reset process (ERSTeGND) the Receiver Block is forced to Line State Unknown (ie the Line State Unknown bit
(LSU) is set to 1)
Note
Users are discouraged from writing to this register An attempt to write into this register will cause the PLAYERa device to ignore the Control Bus write cycle
and set the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) to 1
ACCESS RULES
ADDRESS
READ
WRITE
08h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
LSU
LS2
LS1
LS0
Bit
Symbol
Description
D0
LS0 LS1
LINE STATEk0 1 2l
These bits represent the current Line State being detected by the Receiver Block
Once the Receiver Block recognizes a new line state the bits corresponding to the previous line state are
D1 D2
LS2
cleared and the bits corresponding to the new line state are set
LS2
LS1
LS0
000
Active Line State (ALS)
Received a JK symbol pair (11000 10001) possibly followed
by data symbols
001
Idle Line State (ILS)
Received a minimum of two consecutive Idle symbol pairs
(11111 11111)
010
No Signal Detect (NSD)
The Signal Detect (SD) has been deasserted indicating that
the PLAYERa device is not receiving data from the PMD receiver or that clock detect is
not being received from the Clock Recovery Module SD is ignored during internal
loopback
Note
NSD is the default value when the device is in Stop mode However while in Stop mode certain data
patterns entering the Receiver Block may cause the PLAYERa to set LS0 Therefore the user may see
either the NSD (010) or Reserved Value (011) during Stop mode
011
Reserved
Reserved for future use
100
Master Line State (MLS)
Received a minimum of 8 consecutive Halt-Quiet symbol
pairs (00100 00000)
101
Halt Line State (HLS)
Received a minimum of 8 consecutive Halt symbol pairs
(00100 00100)
110
Quiet Line State (QLS)
Received a minimum of 8 consecutive Quiet symbol pairs
(00000 00000)
111
Noise Line State (NLS)
Detected a minimum of 16 noise events Refer to the Receiver
Block description for further information on noise events
D3
LSU
LINE STATE UNKNOWN
The Receiver Block has not detected the minimum conditions to enter a known
line state When the Line State Unknown bit is set LSk20l represent the most recently known line state
D4-D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using these bits The reserved bits are reset to 0 during the reset process They may be set or cleared
without any effects to the functionality of the PLAYERa device
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com