Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 38Page - National Semiconductor (TI) DP83257VF Datasheet HTML 39Page - National Semiconductor (TI) DP83257VF Datasheet HTML 40Page - National Semiconductor (TI) DP83257VF Datasheet HTML 41Page - National Semiconductor (TI) DP83257VF Datasheet HTML 42Page - National Semiconductor (TI) DP83257VF Datasheet HTML 43Page - National Semiconductor (TI) DP83257VF Datasheet HTML 44Page - National Semiconductor (TI) DP83257VF Datasheet HTML 45Page - National Semiconductor (TI) DP83257VF Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
50 Registers (Continued)
TABLE 5-3 Register Reset Value Summary
(Continued)
Register
Address
Register
Symbol
Reset Contents
MSB-LSB
Comments
1Eh
MODE2
00 h
1Fh
CMTCCR
00 h
20h
CMTCR
00 h
21h
CMTMR
00 h
22h
RR22
XX h
23h
RR23
XX h
24h
STTR
00 h
25h
STVR
00 h
26h
TDR
00 h
27h
TTCR
00 h
28h
RR28
XX h
29h
RR29
XX h
2Ah
RR2A
XX h
2Bh
RR2B
XX h
2Ch
RR2C
XX h
2Dh
RR2D
XX h
2Eh
RR2E
XX h
2Fh
RR2F
XX h
30h
RR30
XX h
31h
RR31
XX h
32h
RR32
XX h
33h
RR33
XX h
34h
RR34
XX h
35h
RR35
XX h
36h
RR36
XX h
37h
RR37
XX h
38h
RR38
XX h
39h
RR39
XX h
3Ah
RR3A
XX h
3Bh
CGMREG
05 h
3Ch
APMDREG
00 h
3Dh
GAINREG
00 h
3Eh
RR3E
XX h
3Fh
RR3F
XX h
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com