| Electronic Components Datasheet Search |
|
DP83257VF Datasheet(PDF) 31 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83257VF Datasheet(HTML) 31 Page - National Semiconductor (TI) |
|
31 / 144 page ![]() 40 Modes of Operation The PLAYERa device can operate in 4 basic modes RUN STOP LOOPBACK and CASCADE 41 RUN MODE RUN is the normal mode of operation In this mode the PLAYERa device is configured to be con- nected to the media via the PMD transmitter and PMD re- ceiver at the PMD Interface It is also connected to any other PLAYERa device(s) andor MACSI device(s) via the Port A and Port B Interfaces While operating in the RUN mode the PLAYERa device receives and transmits Line States (Quiet Halt Master Idle) and frames (Active LIne State) 42 STOP MODE The PLAYERa device operates in the STOP mode while it is being initialized or configured The PLAYERa device is also reset to the STOP mode au- tomatically when the ERST pin is set to ground When in STOP mode the PLAYERa device performs the following functions Resets the Repeat Filter Resets the Smoother Resets the Receiver Block Line State Counters Resets the Clock Recovery Module Flushes the Elasticity Buffer Forces Line State Unknown in the Receiver Block Outputs PHY Invalid condition symbol pairs through the PHY Data Indicate pins (AIP AIC AIDk70l BIP BIC BIDk70l) when port is enabled Outputs Quiet symbol pairs through the PMD Data Re- quest pins (PMRDg) 43 LOOPBACK MODE The PLAYERa device provides 3 types of loopback tests Configuration Switch Loopback Short Internal Loopback and Long Internal Loopback These Loopback modes can be used to test different portions of the device Configuration Switch Loopback The Configuration Switch Loopback can be used to test the data paths of the MACSI device(s) that are connected to the PLAYERa device before transmitting and receiving data through the network In the Configuration Switch Loopback mode the PLAYERa device Configuration Register (CR) can be programmed to perform the following functions Select Port A PHY Request Data Port B PHY Request Data or PHY Invalid to connect to Port A PHY Indicate Data via the A IND Mux Select Port A PHY Request Data Port B PHY Request Data or PHY Invalid to connect to Port B PHY Indicate Data via the B IND Mux Connect data from the Receiver Block to the Transmitter Block via the Transmitter Mux (The PLAYERa device is repeating incoming data from the media in the Configu- ration Switch Loopback mode) See Figure 4-1 and Figure 4-2 TLF11708 – 23 FIGURE 4-1 Configuration Switch Loopback for DP83257 TLF11708 – 24 FIGURE 4-2 Configuration Switch Loopback for DP83256 and DP 83256-AP 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |