Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 8Page - National Semiconductor (TI) DP83257VF Datasheet HTML 9Page - National Semiconductor (TI) DP83257VF Datasheet HTML 10Page - National Semiconductor (TI) DP83257VF Datasheet HTML 11Page - National Semiconductor (TI) DP83257VF Datasheet HTML 12Page - National Semiconductor (TI) DP83257VF Datasheet HTML 13Page - National Semiconductor (TI) DP83257VF Datasheet HTML 14Page - National Semiconductor (TI) DP83257VF Datasheet HTML 15Page - National Semiconductor (TI) DP83257VF Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
30 Functional Description (Continued)
33 TRANSMITTER BLOCK
The Transmitter Block accepts 10-bit bytes consisting of
8 bits data 1 bit parity and 1 bit control information from
the Configuration Switch
The Transmitter Block performs the following operations
 Encodes the data from 4B to 5B coding
 Filters out code violations from the data stream
 Is capable of generating Idle Master Halt Quiet or oth-
er user defined symbol pairs
 Converts the data stream from NRZ to NRZI for trans-
mission
 Serializes data
During normal operation the Transmitter Block presents se-
rial data to a PMD transmitter
While in Internal Loopback mode the Transmitter Block
presents serial data to the Receiver Block While in the Ex-
ternal Loopback mode the Transmitter Block presents seri-
al data to the Clock Recovery Module
The Transmitter Block consists of the following functional
blocks
Data Registers
Parity Checker
4B5B Encoder
Repeat Filter
Smoother
Line State Generator
Injection Control Logic
Shift Register
NRZ to NRZI Encoder
See
Figure 3-3 Transmitter Block Diagram
TLF11708 – 5
FIGURE 3-3 Transmitter Block Diagram
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com