Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 26Page - National Semiconductor (TI) DP83257VF Datasheet HTML 27Page - National Semiconductor (TI) DP83257VF Datasheet HTML 28Page - National Semiconductor (TI) DP83257VF Datasheet HTML 29Page - National Semiconductor (TI) DP83257VF Datasheet HTML 30Page - National Semiconductor (TI) DP83257VF Datasheet HTML 31Page - National Semiconductor (TI) DP83257VF Datasheet HTML 32Page - National Semiconductor (TI) DP83257VF Datasheet HTML 33Page - National Semiconductor (TI) DP83257VF Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
30 Functional Description (Continued)
INTERFACE ACTIVATION
The Primary PMD Interface is always enabled
The Alternate PMD Interface is enabled by programming a
PLAYERa register bit To enable the interface writea1to
the APMDEN bit in the APMDREG register The interface is
off by default and should be left that way unless it is being
used
It will also probably be necessary to enable the Transmit
Clocks when using the Alternate PMD Interface The Trans-
mit Clocks (TXC) are enabled by writing a 1 to the TXCE bit
in the CGMREG register The transmit clocks are disabled
by default and should be left that way unless it is being
used
Note that when the Alternate PMD Interface is active the
Primary PMD Interface can not be used without the Alter-
nate PMD Interface connections Also note that the Long
Internal Loopback (LILB) can not be used when the Alter-
nate PMD Interface is activated
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com