Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 76Page - National Semiconductor (TI) DP83257VF Datasheet HTML 77Page - National Semiconductor (TI) DP83257VF Datasheet HTML 78Page - National Semiconductor (TI) DP83257VF Datasheet HTML 79Page - National Semiconductor (TI) DP83257VF Datasheet HTML 80Page - National Semiconductor (TI) DP83257VF Datasheet HTML 81Page - National Semiconductor (TI) DP83257VF Datasheet HTML 82Page - National Semiconductor (TI) DP83257VF Datasheet HTML 83Page - National Semiconductor (TI) DP83257VF Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 144 page
background image
50 Registers (Continued)
536 SCRUB TIMER THRESHOLD REGISTER (STTR)
This is the threshold value of the internal scrub timer It has a resolution of 4096 ms and a maximum value of E10 ms When
the scrub timer reaches zero the Scrub Timer Expired (CMTCRSTE) bit is set
Scrubbing is initiated when MODE2ESTCe1 and a trigger condition occurs
Writing to STTR during scrubbing will not affect the scrubbing action
ACCESS RULES
ADDRESS
READ
WRITE
24h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
STT7
STT6
STT5
STT4
STT3
STT2
STT1
STT0
Bit
Symbol
Description
D0 – D7
STT0 – STT7
SCRUB TIMER THRESHOLD BITk0-7l
Scrub Timer threshold
STT0 is the Least Significant Bit (LSB)
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com