Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 92Page - National Semiconductor (TI) DP83257VF Datasheet HTML 93Page - National Semiconductor (TI) DP83257VF Datasheet HTML 94Page - National Semiconductor (TI) DP83257VF Datasheet HTML 95Page - National Semiconductor (TI) DP83257VF Datasheet HTML 96Page - National Semiconductor (TI) DP83257VF Datasheet HTML 97Page - National Semiconductor (TI) DP83257VF Datasheet HTML 98Page - National Semiconductor (TI) DP83257VF Datasheet HTML 99Page - National Semiconductor (TI) DP83257VF Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
60 Signal Descriptions (Continued)
Alternate PMD Interface
Symbol
Pin
IO
Description
PMIDa
42
I
PMD Indicate Data
Differential 100k ECL 125 Mbps serial data input signals from the PMD
Receiver into the Clock Recovery Module (CRM) of the PLAYERa
PMIDb
41
RXC
OUTa
36
O
Recovered Clock Out
125 MHz clock recovered by the Clock Recovery Module (CRM) from the
PMID data input
RXC
OUTb
35
These signals are only active when the Alternate PMD Enable (APMDEN) bit of the Alternate PMD
Register (APMDREG) is set to a 1 and are off by default after Reset
When these two pins are not used they should be left Not Connected (NC)
RXD
OUTa
52
O
Recovered Data Out
125 Mbps data recovered by the Clock Recovery Module (CRM) from the
PMID data input
RXD
OUTb
51
These signals are only active when the Alternate PMD Enable (APMDEN) bit of the Alternate PMD
Register (APMDREG) is set to a 1 and are off by default after Reset
When these two pins are not used they should be left Not Connected (NC)
RXC
INa
48
I
Receive Clock In
Clock inputs to the Player section of the PLAYERa These inputs must be
synchronized with the RXD
IN inputs
RXC
INb
47
These signals are only active when the Alternate PMD Enable (APMDEN) bit of the Alternate PMD
Register (APMDREG) is set to a 1 and are off by default after Reset
When these two pins are not used pin 76 should be left Not Connected (NC) and pin 75 should be
connected directly to ground (Reserved
0)
RXD
INa
50
I
Receive Data In
Data inputs to the Player section of the PLAYERa These inputs must be
synchronized with the RXC
IN inputs
RXD
INb
49
These signals are only active when the Alternate PMD Enable (APMDEN) bit of the Alternate PMD
Register (APMDREG) is set to a 1 and are off by default after Reset
When these two pins are not used pin 78 should be left Not Connected (NC) and pin 77 should be
connected directly to ground (Reserved
0)
PMRDa
34
O
PMD Request Data
Differential 100k ECL 125 Mbps serial data output signals to the PMD
transmitter
PMRDb
33
TXCa
31
O
Transmit Clock
125 MHz 100k ECL compatible differential outputs synchronized to the outgoing
PMRD data
TXCb
30
These signals can be enabled using the Transmit Clock Enable (TXCE) bit in the Clock Generation
Module Register (CGMREG)
When these two pins are not used they should be left Not Connected (NC)
SDa
40
I
Signal Detect
Differential 100k ECL input signals from the PMD receiver indicating that a signal
is being received by the PMD receiver
SDb
39
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com