Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 90Page - National Semiconductor (TI) DP83257VF Datasheet HTML 91Page - National Semiconductor (TI) DP83257VF Datasheet HTML 92Page - National Semiconductor (TI) DP83257VF Datasheet HTML 93Page - National Semiconductor (TI) DP83257VF Datasheet HTML 94Page - National Semiconductor (TI) DP83257VF Datasheet HTML 95Page - National Semiconductor (TI) DP83257VF Datasheet HTML 96Page - National Semiconductor (TI) DP83257VF Datasheet HTML 97Page - National Semiconductor (TI) DP83257VF Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
60 Signal Descriptions (Continued)
POWER AND GROUND
All power pins should be connected to a single a5V power supply using the recommended filtering All ground pins should be
connected to a common 0V ground supply Bypassing and filtering requirements are given in a separate User Information
Document
Symbol
Pin
IO
Description
VCC ANALOG
20
Power
Positive 5V power supply for the PLAYERa device’s CGM VCO
GND
ANALOG
21
Ground
Power supply return for the PLAYERa device’s CGM VCO
VCC CORE
88
Power
Positive 5V power supply for the core PLAYER section logic gates
GND
CORE
87
Ground
Power supply return for the core PLAYER section logic gates
VCC ECL
31
Power
Positive 5V power supply for the PLAYERa device’s ECL logic gates
34
44
56
GND
ECL
35
Ground
Power supply return for the PLAYERa device’s ECL logic gates
45
55
VCC ESD
28
Power
Positive 5V power supply for the PLAYERa device’s ESD protection circuitry
GND
ESD
29
Ground
Power supply return for the PLAYERa device’s ESD protection circuitry
VCC IO
11
Power
Positive 5V power supply for the inputoutput buffers
65
79
98
GND
IO
12
Ground
Power supply return for the inputoutput buffers
64
78
97
SPECIAL CONNECT PINS
These are pins that have special connection requirements
No Connect (NC) pins should not be connected to anything This means not to power not to ground and not to each other
Reserved
0 (RES
0) pins must be connected to ground These pins are not used to supply device power so they do not need
to be filtered or bypassed
Reserved
1 (RES
1) pins must be connected to power These pins are not used to supply device power so they do not need
to be filtered or bypassed
Symbol
Pin
IO
Description
NC
49 54
No Connect
Pins should not be connected to anything This means not to power not to ground and
not to each other
RES
0
18 19
Reserved 0
Pins must be connected to ground These pins are not used to supply device power so
they do not need to be filtered or bypassed
48 50
51 52
53 57
58 84
RES
185
Reserved 1
Pins must be connected to power These pins are not used to supply device power so they
do not need to be filtered or bypassed
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com