Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 102Page - National Semiconductor (TI) DP83257VF Datasheet HTML 103Page - National Semiconductor (TI) DP83257VF Datasheet HTML 104Page - National Semiconductor (TI) DP83257VF Datasheet HTML 105Page - National Semiconductor (TI) DP83257VF Datasheet HTML 106Page - National Semiconductor (TI) DP83257VF Datasheet HTML 107Page - National Semiconductor (TI) DP83257VF Datasheet HTML 108Page - National Semiconductor (TI) DP83257VF Datasheet HTML 109Page - National Semiconductor (TI) DP83257VF Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
60 Signal Descriptions (Continued)
CONTROL BUS INTERFACE
The Control Bus Interface consists of IO signals used to connect the PLAYERa device to Station Management (SMT)
The Control Bus is an asynchronous interface between the PLAYERa device and a general purpose microprocessor or other
controller It provides access to 64 8-bit internal registers
In the PLAYERa device the Control Bus address range has been expanded by 1-bit to 6 bits of address space
Symbol
Pin
IO
Description
E
CE
118
I
Control Enable
An active-low TTL input signal which enables the Control Bus port for a read or write
cycle R EW CBAk50l CBP and CBDk70l must be valid at the time ECE is low
R EW
117
I
Read EWrite
A TTL input signal which indicates a read Control Bus cycle (R EWe1) or a write
Control Bus cycle (R EWe0)
E
ACK
120
O
E
Acknowledge
An active low TTL open drain output signal which indicates the completion of a read
or write cycle During a read cycle CBDk70l are valid as long as EACK is low (EACKe0) During a
write cycle a microprocessor must hold CBDk70l valid until EACK becomes low Once EACK is low
it will remain low as long as ECE remains low (ECEe0)
E
INT
119
O
E
Interrupt
An active low open drain TTL output signal indicating that an interrupt condition has
occurred The Interrupt Condition Register (ICR) should be read in order to find out the source of the
interrupt Interrupts can be masked through the use of the Interrupt Condition Mask Register (ICMR)
CBA5
135
I
Control Bus Address
TTL input signals used to select the address of the register to be read or written
CBA4
134
CBA5 is the most significant bit (MSB) and CBA0 is the least significant bit (LSB) of the address signals
CBA3
133
CBA2
132
CBA1
129
CBA0
128
CBP
148
IO
Control Bus Parity
A bidirectional TTL signal representing odd parity for the Control Bus data
(CBDl70l)
During a read cycle the signal is held valid by the PLAYERa device as long as EACK is low
During a write cycle the signal must be valid when ECE is low and must be held valid until EACK
becomes low If incorrect parity is used during a write cycle the PLAYERa device will inhibit the write
cycle and set the Control Bus Data Parity Error (CPE) bit in the Interrupt Condition Register (ICR)
CBD7
147
IO
Control Bus Data
Bidirectional TTL signals containing the data to be read from or written to a register
CBD6
146
During a read cycle the signal is held valid by the PLAYERa device as long as EACK is low
CBD5
145
During a write cycle the signal must be valid when ECE is low and must be held valid until EACK
CBD4
144
becomes low
CBD3
143
CBD2
142
CBD1
141
CBD0
138
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com