Electronic Components Datasheet Search
  English  ▼

X  

DP83257VF Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 134Page - National Semiconductor (TI) DP83257VF Datasheet HTML 135Page - National Semiconductor (TI) DP83257VF Datasheet HTML 136Page - National Semiconductor (TI) DP83257VF Datasheet HTML 137Page - National Semiconductor (TI) DP83257VF Datasheet HTML 138Page - National Semiconductor (TI) DP83257VF Datasheet HTML 139Page - National Semiconductor (TI) DP83257VF Datasheet HTML 140Page - National Semiconductor (TI) DP83257VF Datasheet HTML 141Page - National Semiconductor (TI) DP83257VF Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
80 Connection Diagrams (Continued)
TABLE 8-3 DP83257 160-Pin PQFP Pinout Summary
(Continued)
Pin No
Signal Name
Symbol
IO
Pin Type
39
No Connect
NC
40
No Connect
NC
41
No Connect
NC
42
No Connect
NC
43
No Connect
NC
44
No Connect
NC
45
Crystal Output
XTAL
OUT
O
46
Crystal Input
XTAL
IN
I
47
ESD Power
VCC ESD
a
5V
48
ESD Ground
GND
ESD
a
0V
49
Loop Filter
LPFLTR
O
50
Transmit Clockb
TXCb
O
ECL
51
Transmit Clocka
TXCa
O
ECL
52
ECL Power
VCC ECL
a
5V
53
PMD Request Datab
PMRDb
O
ECL
54
PMD Request Data a
PMRDa
O
ECL
55
Receive Clock Outb
RXC
OUTb
O
ECL
56
Receive Clock Outa
RXC
OUTa
O
ECL
57
ECL Power
VCC ECL
a
5V
58
ECL Ground
GND
ECL
a
0V
59
Signal Detectb
SDb
I
ECL
60
Signal Detecta
SDa
I
ECL
61
PMD Indicate Datab
PMIDb
I
ECL
62
PMD Indicate Dataa
PMIDa
I
ECL
63
Sense Pin 0
SP0
I
TTL
64
Enable Pin 0
EP0
O
TTL
65
Sense Pin 1
SP1
I
TTL
66
Enable Pin 1
EP1
O
TTL
67
Sense Pin 2
SP2
I
TTL
68
Enable Pin 2
EP2
O
TTL
69
Cascade Start
CS
I
TTL
70
Cascade Ready
CR
O
Open Drain
71
ECL Power
VCC ECL
a
5V
72
ECL Ground
GND
ECL
a
0V
73
PMD Transmitter Enable
TXE
O
TTL
74
PMD Transmitter Enable Level
TEL
I
TTL
75
Receive Clock Inb
RXC
INb
I
ECL
76
Receive Clock Ina
RXC
INa
I
ECL
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com