Electronic Components Datasheet Search
  English  ▼

X  

DP83843 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83843
Description  PHYTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83843 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83843 Datasheet HTML 3Page - National Semiconductor (TI) DP83843 Datasheet HTML 4Page - National Semiconductor (TI) DP83843 Datasheet HTML 5Page - National Semiconductor (TI) DP83843 Datasheet HTML 6Page - National Semiconductor (TI) DP83843 Datasheet HTML 7Page - National Semiconductor (TI) DP83843 Datasheet HTML 8Page - National Semiconductor (TI) DP83843 Datasheet HTML 9Page - National Semiconductor (TI) DP83843 Datasheet HTML 10Page - National Semiconductor (TI) DP83843 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
1.0 Pin Descriptions (Continued)
7
www.national.com
FXRD-/AUIRD-
FXRD+/AUIRD+
I
(PECL
or
AUI)
49
50
100BASE-FX or 10 Mb/s AUI RECEIVE DATA: This configurable input buff-
er supports either 125 Mb/s PECL, for 100BASE-FX applications, or 10 Mb/s
AUI signaling.
When configured as a 100BASE-FX receiver this input accepts 100BASE-FX
standard compliant binary data direct from an optical transceiver. This differ-
ential input is enabled only during 100BASE-FX device configuration (see the
pin definition for FXEN).
When configured as an AUI buffer this input receives AUI compatible
Manchester data to support typical 10BASE2 or 10BASE5 products.
FXSD-/CD-
FXSD+/CD+
I
(PECL
or
AUI)
47
48
SIGNAL DETECT or AUI COLLISION DETECT: This configurable input buff-
er supports either 125 Mb/s PECL, for 100BASE-FX applications, or 10 Mb/s
AUI signaling.
When configured as a 100BASE-FX receiver this input accepts indication
from the 100BASE-FX PMD transceiver upon detection of a receive signal
from the fiber media. This pin is only active during 100BASE-FX opera-
tion(see the pin definition for FXEN).
When configured as an AUI buffer this input receives AUI compatible
Manchester data to support typical 10BASE2 or 10BASE5 products.
THIN
(REPEATER)
I/O, Z
63
THIN AUI MODE: This output allows for control of an external CTI coaxial
transceiver connected through the AUI. This pin is controlled by writing to bit
3 of the 10BTSCR register (address 18h). The THIN pin may also be used as
a user configurable output control pin.
TXAR100
I
(current
reference)
78
100 Mb/s TRANSMIT AMPLITUDE REFERENCE CONTROL: Reference
current allowing adjustment of the TPTD
+/− output amplitude during
100BASE-TX operation.
By placing a resistor between this pin and ground or VCC, a reference current
is set up which dictates the output amplitude of the 100BASE-TX MLT-3
transmit signal. Connecting a resistor to VCC will increase the transmit ampli-
tude while connecting a resistor to ground will decrease the transmit ampli-
tude. While the value of the resistor should be evaluated on a case by case
bases, the DP83843 was designed to produce an amplitude close to the re-
quired range of 2V pk-pk differential
± 5% as measured across TD+/− while
driving a typical 100
Ω differential load without a resistor connected to this pin.
Therefore this pin is allowed to float in typical applications.
This current reference is only recognized during 100BASE-TX operation and
has no effect during100BASE-FX,10BASE-T, or AUI modes of operation.
TWREF
I
60
TWISTER REFERENCE RESISTOR: External reference current adjustment,
via a resistor to TW_AGND, which controls the TP-PMD receiver equalization
levels. The value of this resistor is 70k
± 1%.
BGREF
I
(current
reference)
61
BANDGAP REFERENCE: External current reference resistor for internal
bandgap circuitry. The value of this resistor is 4.87k
± 1%.
VCM_CAP
I
66
COMMON MODE BYPASS CAPACITOR: External capacitor to improve
common mode filtering for the receive signal. It is recommended that a
.00
33µF in parallel with a .10µF capacitor be used, see Figure 23.
Signal Name
Type
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com