Electronic Components Datasheet Search
  English  ▼

X  

DP83843 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83843
Description  PHYTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83843 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83843 Datasheet HTML 14Page - National Semiconductor (TI) DP83843 Datasheet HTML 15Page - National Semiconductor (TI) DP83843 Datasheet HTML 16Page - National Semiconductor (TI) DP83843 Datasheet HTML 17Page - National Semiconductor (TI) DP83843 Datasheet HTML 18Page - National Semiconductor (TI) DP83843 Datasheet HTML 19Page - National Semiconductor (TI) DP83843 Datasheet HTML 20Page - National Semiconductor (TI) DP83843 Datasheet HTML 21Page - National Semiconductor (TI) DP83843 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
2.0 Functional Description (Continued)
18
www.national.com
The 100BASE-TX MLT-3 signal sourced by the TPTD
+/−
common driver output pins is slow rate controlled. This
should be considered when selecting AC coupling magnet-
ics to ensure TP-PMD compliant transition times (3 ns < Tr
< 5ns).
The 100BASE-TX transmit TP-PMD function within the
DP83843 is capable of sourcing only MLT-3 encoded data.
Binary output from the TPTD
+/− outputs is not possible in
100 Mb/s mode.
2.2.4 TX_ER
Assertion of the TX_ER input while the TX_EN input is also
asserted will cause the DP83843 to substitute HALT code-
groups for the 5B data present at TXD[3:0]. However, the
SSD (/J/K/) and ESD (/T/R/) will not be substituted with
Halt code-groups. As a result, the assertion of TX_ER
while TX_EN is asserted will result in a frame properly
encapsulated with the /J/K/ and /T/R/ delimiters which con-
tains HALT code-groups in place of the data code-groups.
2.2.5 TXAR100
The transmit amplitude of the signal presented at the
TPTD
+/− output pins can be controlled by varying the value
of resistance between TXAR100 and system GND. This
TXAR100 resistor sets up a reference current that deter-
mines the final output current at TPTD
+/−.
For 100
Ω Category-5 UTP cable implementations, the
TXAR100 resistor may be omitted as the DP83843 was
designed to source a nominal 2V pk-pk differential transmit
amplitude with this pin left floating. Setting the transmit
amplitude to 2V pk-pk differential (MLT-3) as measured
across the RJ45-8 transmit pins is critical for complying
with the IEEE/ANSI TP-PMD specification of 2.0V pk-pk
differential
± 5%.
2.3 100BASE-TX RECEIVER
The 100BASE-TX receiver consists of several functional
blocks which convert the scrambled MLT-3 125 Mb/s serial
data stream to synchronous 4-bit nibble data that is pro-
vided to the MII. Because the 100BASE-TX TP-PMD is
integrated, the differential input pins, TPRD
+/−, can be
directly routed to the AC coupling magnetics.
See Figure 5 for a block diagram of the 100BASE-TX
receive function. This provides an overview of each func-
tional block within the 100BASE-TX receive section.
The Receive section consists of the following functional
blocks:
— Input and BLW Compensation
— Signal Detect
— Digital Adaptive Equalization
— MLT-3 to Binary Decoder
— Clock Recovery Module
— NRZI to NRZ Decoder
— Serial to Parallel
— DESCRAMBLER (bypass option)
— Code Group Alignment
— 4B/5B Decoder (bypass option)
— Link Integrity Monitor
— Bad SSD Detection
The bypass option for the functional blocks within the
100BASE-X receiver provides flexibility for applications
such as 100 Mb/s repeaters where data conversion is not
always required.
2.3.1 Input and Base Line Wander Compensation
Unlike the DP83223V TWISTER™, the DP83843 requires
no external attenuation circuitry at its receive inputs,
TPRD
+/−. The DP83843 accepts TP-PMD compliant wave-
forms directly, requiring only a 100
Ω termination plus a
simple 1:1 transformer. The DP83843 also requires exter-
nal capacitance to VCC at the VCM_CAP pin (refer to Fig-
ure 23). This establishes a solid common mode voltage
that is needed since the TPRD pins are used in both 10
Mb/s and 100 Mb/s modes.
The DP83843 is completely ANSI TP-PMD compliant
because it compensates for baseline wander. The BLW
compensation block can successfully recover the TP-PMD
defined “killer” pattern and pass it to the digital adaptive
equalization block.
Baseline wander can generally be defined as the change in
the average DC content, over time, of an AC coupled digital
transmission over a given transmission medium. (i.e. cop-
per wire).
Baseline wander results from the interaction between the
low frequency components of a bit stream being transmit-
ted and the frequency response of the AC coupling compo-
nent(s) within the transmission system. If the low frequency
content of the digital bit stream goes below the low fre-
quency pole of the AC coupling transformers then the
droop characteristics of the transformers will dominate
resulting in potentially serious baseline wander.
It is interesting to note that the probability of a baseline wan-
der event serious enough to corrupt data is very low. In fact,
it is reasonable to virtually bound the occurrence of a base-
line wander event serious enough to cause bit errors to a
legal but premeditated, artificially constructed bit sequence
loaded into the original MAC frame. Several studies have
been conducted to evaluate the probability of various base-
line wander events for FDDI transmission over copper. Con-
tact the X3.263 ANSI group for further information.
2.3.2 Signal Detect
The signal detect function of the DP83843 is incorporated
to meet the specifications mandated by the ANSI FDDI TP-
PMD Standard as well as the IEEE 802.3 100BASE-TX
Standard for both voltage thresholds and timing parame-
ters.
Note that the reception of Normal 10BASE-T link pulses
and fast link pulses per IEEE 802.3u Auto-Negotiation by
the 100BASE-X receiver do not cause the DP83843 to
assert signal detect.
While signal detect is normally generated and processed
entirely within the DP83843, it can be observed directly on
the CRS pin (pin 22) while the DP83843 is configured for
Symbol mode. Refer to Section 3.4 for further detail regard-
ing Symbol mode operation.
2.3.3 Digital Adaptive Equalization
When transmitting data at high speeds over copper twisted
pair cable, frequency dependent attenuation becomes a
concern. In high speed twisted pair signalling, the fre-
quency content of the transmitted signal can vary greatly
during normal operation based primarily on the random-
ness of the scrambled data stream. This variation in signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com