Electronic Components Datasheet Search
  English  ▼

X  

DP83843 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83843
Description  PHYTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83843 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83843 Datasheet HTML 13Page - National Semiconductor (TI) DP83843 Datasheet HTML 14Page - National Semiconductor (TI) DP83843 Datasheet HTML 15Page - National Semiconductor (TI) DP83843 Datasheet HTML 16Page - National Semiconductor (TI) DP83843 Datasheet HTML 17Page - National Semiconductor (TI) DP83843 Datasheet HTML 18Page - National Semiconductor (TI) DP83843 Datasheet HTML 19Page - National Semiconductor (TI) DP83843 Datasheet HTML 20Page - National Semiconductor (TI) DP83843 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
2.0 Functional Description (Continued)
17
www.national.com
Table 2. 4B5B Code-Group Encoding/Decoding
Name
PCS 5B Code-group
MII 4B Nibble Code
DATA CODES
0
11110
0000
1
01001
0001
2
10100
0010
3
10101
0011
4
01010
0100
5
01011
0101
6
01110
0110
7
01111
0111
8
10010
1000
9
10011
1001
A
10110
1010
B
10111
1011
C
11010
1100
D
11011
1101
E
11100
1110
F
11101
1111
IDLE AND CONTROL CODES
H
00100
Halt code-group - Error code
I
11111
Inter-Packet Idle - 0000 (Note 1)
J
11000
First Start of Packet - 0101 (Note 1)
K
10001
Second Start of Packet - 0101 (Note 1)
T
01101
First End of Packet - 0000 (Note 1)
R
00111
Second End of Packet - 0000 (Note 1)
INVALID CODES
V
00000
0110 or 0101 (Note 2)
V
00001
0110 or 0101 (Note 2)
V
00010
0110 or 0101 (Note 2)
V
00011
0110 or 0101 (Note 2)
V
00101
0110 or 0101 (Note 2)
V
00110
0110 or 0101 (Note 2)
V
01000
0110 or 0101 (Note 2)
V
01100
0110 or 0101 (Note 2)
V
10000
0110 or 0101 (Note 2)
V
11001
0110 or 0101 (Note 2)
Note 1: Control code-groups I, J, K, T and R in data fields will be mapped as invalid codes, together with RX_ER asserted.
Note 2: Normally, invalid codes (V) are mapped to 6h on RXD[3:0] with RX_ER asserted. If the CODE_ERR bit in the PCS (bit 3, register address 16h)
is set, the invalid codes are mapped to 5h on RXD[3:0] with RX_ER asserted. Refer to Section 4.14 for further detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com